Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5885 Datasheet (PDF) - Anpec Electronics Coropration

APL5885 Datasheet PDF - Anpec Electronics Coropration
Part # APL5885
Download  APL5885 Download
File Size   93.59 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages

APL5885 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5885 Datasheet PDF - Anpec Electronics Coropration

Part # APL5885
Download  APL5885 Click to download

File Size   93.59 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages

APL5885 Datasheet (HTML) - Anpec Electronics Coropration


APL5885 Product details

General Description
The APL5885 is a 3-pin low dropout linear regulator with 2.0% accuracy of output voltage over line , load and temperature variations . Dropout voltage at 500mA output current is less than 1.3V . Both output current limiting and thermal shutdown are built in to provide maximal protection to the APL5885 against fault conditions . The over current and thermal shutdown circuits become active when the current exceed 500mA , or the junction temperature reach 150°C . Normal operation is recovered when junction temperature drops below 130°C .

Features
• Low Dropout Voltage of 1.3V at 500mA
• Output Voltage Accuracy ± 2.0%
• Line Regulation - 3mV (typ.)
• Load Regulation - 13mV (typ.)
• Input Voltage Range up to 9V
• Internal Current Limiting and Thermal Shutdown Protections
• Available Output Voltages -ADJ, 1.8V, 2.5V, 3.3V
• Various SOT-89 and TO-92 Packages Available

Applications
• Voltage Regulator for CD-ROM Drivers
• Voltage Regulator for LAN Cards
• Wireless Communication Systems
• Portable Instrument
• Portable Consumer Equipment
• Low Voltage Systems




Similar Part No. - APL5885

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885DC-TRG ANPEC-APL5885DC-TRG Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
More results


Similar Description - APL5885

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
800mA fixed and adjustable low dropout linear regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com