Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2F-6918 Datasheet (PDF) - Bourns Electronic Solutions

CSM2F-6918 Datasheet PDF - Bourns Electronic Solutions
Part # CSM2F-6918_V01
Download  CSM2F-6918 Download
File Size   647.52 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Shunt Resistor with Sense Pins & Fully Tinned Terminals

CSM2F-6918 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM2F-6918 Datasheet PDF - Bourns Electronic Solutions

Part # CSM2F-6918_V01
Download  CSM2F-6918 Click to download

File Size   647.52 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Shunt Resistor with Sense Pins & Fully Tinned Terminals

CSM2F-6918 Datasheet (HTML) - Bourns Electronic Solutions


CSM2F-6918 Product details

Features
- Up to 36 W permanent power
- High pulse power rating
- Maximum fastening torque: 25 Nm
- Customized versions available
- RoHS compliant* / lead free
- AEC-Q200 compliant

Applications
- Battery management systems
- Current sensing for hybrid and electric vehicles
- Current sensing in bus bars
- Current sensing in welding equipment
- Frequency converters




Similar Part No. - CSM2F-6918_V01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSM2F-6918-0 BOURNS-CSM2F-6918-0 Datasheet
669Kb / 4P
Model CSM2F-6918 Series Current Sense Resistor w/Bare Copper Terminals
REV. 4/22
CSM2F-6918-1 BOURNS-CSM2F-6918-1 Datasheet
571Kb / 3P
Model CSM2F-6918 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-6918-2 BOURNS-CSM2F-6918-2 Datasheet
661Kb / 4P
Model CSM2F-6918 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-6918-L050J00 BOURNS-CSM2F-6918-L050J00 Datasheet
669Kb / 4P
Model CSM2F-6918 Series Current Sense Resistor w/Bare Copper Terminals
REV. 4/22
CSM2F-6918-L050J01 BOURNS-CSM2F-6918-L050J01 Datasheet
576Kb / 4P
Current Sense Resistor
More results


Similar Description - CSM2F-6918_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS8518L5000JT35 VISHAY-WSBS8518L5000JT35 Datasheet
230Kb / 3P
Power Metal Strip® Shunt Resistor With Sense Pins, Low TCR (Down to < ± 10 ppm/°C), Very Low Value (100 μΩ, 500 μΩ, and 1000 μΩ)
09-Mar-17
WSBS8518L1000JT80 VISHAY-WSBS8518L1000JT80 Datasheet
108Kb / 3P
Power Metal Strip® Shunt Resistor With Three Sense Pins, Sn Plated Terminals, Very Low Value (50 μΩ, 100 μΩ, and 125 μΩ)
12-Mar-2021
logo
Bourns Electronic Solut...
CSM2F-7036 BOURNS-CSM2F-7036_V01 Datasheet
614Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V02 Datasheet
618Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V03 Datasheet
618Kb / 4P
Shunt Resistor with Sense Pins & Fully Tinned Terminals
10/22
CSM2F-8518 BOURNS-CSM2F-8518_V01 Datasheet
620Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8518 BOURNS-CSM2F-8518_V02 Datasheet
612Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-8536 BOURNS-CSM2F-8536 Datasheet
633Kb / 4P
Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536 BOURNS-CSM2F-8536_V01 Datasheet
621Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8536 BOURNS-CSM2F-8536_V02 Datasheet
613Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com