Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2F-8536 Datasheet (PDF) - Bourns Electronic Solutions

CSM2F-8536 Datasheet PDF - Bourns Electronic Solutions
Part # CSM2F-8536
Download  CSM2F-8536 Download
File Size   633.45 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Current Sense Resistor w/Tinned Terminals

CSM2F-8536 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM2F-8536 Datasheet PDF - Bourns Electronic Solutions

Part # CSM2F-8536
Download  CSM2F-8536 Click to download

File Size   633.45 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Current Sense Resistor w/Tinned Terminals

CSM2F-8536 Datasheet (HTML) - Bourns Electronic Solutions


CSM2F-8536 Product details

Features
- Tinned terminals
- Up to 50 W permanent power
- High pulse power rating
- Maximum fastening torque: 10 Nm
- AEC-Q200 compliant
- RoHS compliant* / lead free
- Customized versions available

Applications
- Battery management systems
- Current sensing for hybrid and electric vehicles
- Current sensing in bus bars
- Current sensing in welding equipment
- Frequency converters




Similar Part No. - CSM2F-8536

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSM2F-8536 BOURNS-CSM2F-8536 Datasheet
621Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8536 BOURNS-CSM2F-8536 Datasheet
613Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-8536-0 BOURNS-CSM2F-8536-0 Datasheet
683Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Bare Copper Terminals
REV. 04/22
CSM2F-8536-1 BOURNS-CSM2F-8536-1 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536-2 BOURNS-CSM2F-8536-2 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor / Fully Tinned
REV. 04/22
More results


Similar Description - CSM2F-8536

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSM2F-6918-1 BOURNS-CSM2F-6918-1 Datasheet
571Kb / 3P
Model CSM2F-6918 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-7036-1 BOURNS-CSM2F-7036-1 Datasheet
654Kb / 4P
Model CSM2F-7036 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8518-1 BOURNS-CSM2F-8518-1 Datasheet
681Kb / 4P
Model CSM2F-8518 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536-0 BOURNS-CSM2F-8536-0 Datasheet
683Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Bare Copper Terminals
REV. 04/22
CSM2F-8536-1 BOURNS-CSM2F-8536-1 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-6918 BOURNS-CSM2F-6918_V01 Datasheet
647Kb / 4P
Shunt Resistor with Sense Pins & Fully Tinned Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V02 Datasheet
618Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-7036 BOURNS-CSM2F-7036_V03 Datasheet
618Kb / 4P
Shunt Resistor with Sense Pins & Fully Tinned Terminals
10/22
CSM2F-8518 BOURNS-CSM2F-8518_V02 Datasheet
612Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
CSM2F-8536 BOURNS-CSM2F-8536_V02 Datasheet
613Kb / 4P
Shunt Resistor with Sense Pins & Tinned Terminals
10/22
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com