Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4435K Datasheet (PDF) - Anpec Electronics Coropration

APM4435K Datasheet PDF - Anpec Electronics Coropration
Part # APM4435K
Download  APM4435K Download
File Size   191.56 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description P-Channel Enhancement Mode MOSFET

APM4435K Datasheet (PDF)

Go To PDF Page Download Datasheet
APM4435K Datasheet PDF - Anpec Electronics Coropration

Part # APM4435K
Download  APM4435K Click to download

File Size   191.56 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description P-Channel Enhancement Mode MOSFET

APM4435K Datasheet (HTML) - Anpec Electronics Coropration


APM4435K Product details

Features

· -30V/-8A ,

        RDS(ON)=16mW(typ.) @ VGS=-10V

        RDS(ON)=24mW(typ.) @ VGS=-4.5V

· Super High Dense Cell Design

· Reliable and Rugged

· SOP-8 Package

· Lead Free Available (RoHS Compliant)



Applications

· Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems



 




Similar Part No. - APM4435K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM4435KC-TRL VBSEMI-APM4435KC-TRL Datasheet
1,005Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - APM4435K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com