Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4435K Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM4435K
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4435K Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM4435K Datasheet HTML 1Page - Anpec Electronics Coropration APM4435K Datasheet HTML 2Page - Anpec Electronics Coropration APM4435K Datasheet HTML 3Page - Anpec Electronics Coropration APM4435K Datasheet HTML 4Page - Anpec Electronics Coropration APM4435K Datasheet HTML 5Page - Anpec Electronics Coropration APM4435K Datasheet HTML 6Page - Anpec Electronics Coropration APM4435K Datasheet HTML 7Page - Anpec Electronics Coropration APM4435K Datasheet HTML 8Page - Anpec Electronics Coropration APM4435K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P-Channel Enhancement Mode MOSFET
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Jun., 2006
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM4435K
Features
Applications
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Pin Description
Ordering and Marking Information
P-Channel MOSFET
APM4435
Handling Code
Temp. Range
Package Code
Package Code
K : SOP-8
Operating Junction Temp. Range
C : -55 to 150 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM4435 K :
XXXXX - Date Code
Lead Free Code
APM4435
XXXXX
• -30V/-8A ,
R
DS(ON)=16mΩ(typ.) @ VGS=-10V
R
DS(ON)=24mΩ(typ.) @ VGS=-4.5V
• Super High Dense Cell Design
• Reliable and Rugged
• SOP-8 Package
• Lead Free Available (RoHS Compliant)
Top View of SOP
− 8
G
D
S
S
S
D D D
(4)
(1, 2, 3)
(5, 6, 7, 8)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APM4435K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM4435KC-TRL VBSEMI-APM4435KC-TRL Datasheet
1,005Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM4435K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com