Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR9L Datasheet (PDF) - Littelfuse

SCR9L Datasheet PDF - Littelfuse
Part # SCR9L
Download  SCR9L Download
File Size   369.36 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Universal Lamp Alarm Relay

SCR9L Datasheet (PDF)

Go To PDF Page Download Datasheet
SCR9L Datasheet PDF - Littelfuse

Part # SCR9L
Download  SCR9L Click to download

File Size   369.36 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Universal Lamp Alarm Relay

SCR9L Datasheet (HTML) - Littelfuse


SCR9L Product details

Description
The SCR9L is a universal lamp alarm relay designed to sense the
failure of flashing or steady LED beacon lamps or obstruction
lamps. The SCR9L energizes when one or more lamps fail. It
will monitor the operation of one to eight beacon or obstruction
lamps. All monitored lamps must be the same wattage and
voltage. When connected to a site monitoring system, it
provides the remote lamp monitoring protection required by the
FAA-AC No: 150/5345-43E.
Operation
When a lamp fails, the SCR9L senses a decrease in current flow.
After a 10s trip delay, the onboard LED glows and the two alarm
outputs energize. The outputs and the LED are reset when the
failed lamps are replaced and the unit is recalibrated. The SCR9L
will sense an open flasher, it will not sense a continuously ON
flasher (see FB Series). Removing input voltage de-energizes the
output and the LED‘s. It does not change the calibration.




Similar Part No. - SCR9L

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
SCR9-2400 MOBILEMARK-SCR9-2400 Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
SCR9-2400-BLK MOBILEMARK-SCR9-2400-BLK Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
SCR9-2400-WHT MOBILEMARK-SCR9-2400-WHT Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
More results


Similar Description - SCR9L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
logo
List of Unclassifed Man...
TDE1797 ETC-TDE1797 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
Gamewell-FCI by Honeywe...
GW-UDACT GAMEWELL-FCI-GW-UDACT Datasheet
81Kb / 3P
Universal Digital Alarm Communication Transmitter
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
OEN India Limited
OEN92 OENINDIA-OEN92 Datasheet
321Kb / 2P
DUAL HEAD LAMP RELAY
logo
Littelfuse
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR490D LITTELFUSE-SCR490D Datasheet
238Kb / 1P
Obstruction Lamp Alarm Relay
2016 Rev: 1-A-062316
FB120A LITTELFUSE-FB120A Datasheet
220Kb / 2P
Flasher & Incandescent Beacon Alarm Relay
Rev: 1-A-062316
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com