Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9901 Datasheet (PDF) - Supertex, Inc

HV9901 Datasheet PDF - Supertex, Inc
Part # HV9901
Download  HV9901 Download
File Size   75.89 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Universal Relay Driver

HV9901 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9901 Datasheet PDF - Supertex, Inc

Part # HV9901
Download  HV9901 Click to download

File Size   75.89 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Universal Relay Driver

HV9901 Datasheet (HTML) - Supertex, Inc


HV9901 Product details

General Description
The Supertex HV9901 is a BiCMOS/DMOS universal relay driver that employs PWM switching techniques. It is designed for efficient and energy-saving operation of a low voltage relay with supply voltages ranging from 8 to 450V DC through utilization of the relay coils’ inductance.

Features
❐ 8V to 450V Input Voltage Range
❐ Energy Saving Hold Current Mode
❐ Adjustable Microcontroller Supply
❐ Low Supply Current <1mA
❐ Constant Current Coil Drive
❐ Programmable Pull-in Current, Pull-in Time, and Hold Current
❐ Efficient PWM Operation Using the Relay Coils’ Inductance

Applications
❏ Industrial Controls
❏ Relay Timers
❏ White Goods
❏ Solenoid Drivers
❐ Home Automation





Similar Part No. - HV9901

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901NG-G MICROCHIP-HV9901NG-G Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
More results


Similar Description - HV9901

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3545 NJRC-NJM3545 Datasheet
124Kb / 9P
UNIVERSAL SINK DRIVER
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
Addressable relay driver
August 31, 1994
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
RELAY DRIVER IC
Jun-2001
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
Littelfuse
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR9L LITTELFUSE-SCR9L Datasheet
369Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com