Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX703 Datasheet (PDF) - Diodes Incorporated

NX703 Datasheet PDF - Diodes Incorporated
Part # NX703
Download  NX703 Download
File Size   649.57 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm

NX703 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX703 Datasheet PDF - Diodes Incorporated

Part # NX703
Download  NX703 Click to download

File Size   649.57 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm

NX703 Datasheet (HTML) - Diodes Incorporated


NX703 Product details

Features
• Very low phase jitter - < 1.0ps RMS max.
• Wide frequency range - 5 ~ 1000MHz
• Thicker crystal for improved reliability
• Low supply current - 70mA max.
• Industrial Temperature Range
• Pb-free & RoHS compliant
• Fast lead time

Applications
• Networking systems
• Servers and storage systems
• Profession video equipments
• Test and measurement
• FPGA/ASIC clock generation




Similar Part No. - NX703

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX703 PERICOM-NX703 Datasheet
813Kb / 2P
2.5V/3.3V LVDS XO
NX7031A PERICOM-NX7031A Datasheet
813Kb / 2P
2.5V/3.3V LVDS XO
NX7031B PERICOM-NX7031B Datasheet
813Kb / 2P
2.5V/3.3V LVDS XO
NX7031C PERICOM-NX7031C Datasheet
813Kb / 2P
2.5V/3.3V LVDS XO
NX7031D PERICOM-NX7031D Datasheet
813Kb / 2P
2.5V/3.3V LVDS XO
More results


Similar Description - NX703

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX501 PERICOM-JX501 Datasheet
749Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
JX502 PERICOM-JX502 Datasheet
744Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0094-OT-U TAITIEN-XO-0094-OT-U Datasheet
377Kb / 1P
7.0 x 5.0 mm SMD Ultra Low Phase Jitter LVPECL Crystal Oscillator
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com