Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JX502 Datasheet (PDF) - Pericom Semiconductor Corporation

JX502 Datasheet PDF - Pericom Semiconductor Corporation
Part # JX502
Download  JX502 Download
File Size   744.63 Kbytes
Page   2 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm

JX502 Datasheet (PDF)

Go To PDF Page Download Datasheet
JX502 Datasheet PDF - Pericom Semiconductor Corporation

Part # JX502
Download  JX502 Click to download

File Size   744.63 Kbytes
Page   2 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm

JX502 Datasheet (HTML) - Pericom Semiconductor Corporation


JX502 Product details

Product Description
The JX502 XO series is a high performance LVPECL crystal oscillator family with very low jitter performance. It supports various options including wider frequency range, 2.5V/3.3V voltage, and various stabilities. It is designed to meet the clock source specifications for communication systems, and other high performance equipment.

Product Features
• Very low phase jitter - 0.8ps RMS typical
• Thicker crystal for improved reliability
• Low supply current - 60mA max.
• Industrial Temperature Range
• Pb-free & RoHS compliant
• Fast lead time

Applications
• Networking systems
• Servers and storage systems
• Profession video equipments
• Test and measurement
• FPGA/ASIC clock generation




Similar Part No. - JX502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX501 PERICOM-JX501 Datasheet
749Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
logo
Diodes Incorporated
JX501 DIODES-JX501 Datasheet
1Mb / 2P
2.5V/3.3V CMOS XO
RevC 10/30/12
JX5011AFFFF.FFFFFF DIODES-JX5011AFFFF.FFFFFF Datasheet
1Mb / 2P
2.5V/3.3V CMOS XO
RevC 10/30/12
JX5011BFFFF.FFFFFF DIODES-JX5011BFFFF.FFFFFF Datasheet
1Mb / 2P
2.5V/3.3V CMOS XO
RevC 10/30/12
JX5011CFFFF.FFFFFF DIODES-JX5011CFFFF.FFFFFF Datasheet
1Mb / 2P
2.5V/3.3V CMOS XO
RevC 10/30/12
More results


Similar Description - JX502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX501 PERICOM-JX501 Datasheet
749Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Advanced Crystal Techno...
533-SMX-2 ACT-533-SMX-2 Datasheet
235Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
XO-0080-VWCOMOS-TYPE TAITIEN-XO-0080-VWCOMOS-TYPE Datasheet
298Kb / 1P
5.0 x 3.2mm SMD Voltage Controlled Crystal Oscillator
XO-0094-OT-U TAITIEN-XO-0094-OT-U Datasheet
377Kb / 1P
7.0 x 5.0 mm SMD Ultra Low Phase Jitter LVPECL Crystal Oscillator
logo
Diodes Incorporated
NX703 DIODES-NX703 Datasheet
649Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
Rev B 08/13/14
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com