Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

533-SMX-2 Datasheet (PDF) - Advanced Crystal Technology

533-SMX-2 Datasheet PDF - Advanced Crystal Technology
Part # 533-SMX-2
Download  533-SMX-2 Download
File Size   235.52 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 5.0 x 3.2mm Crystal unit

533-SMX-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
533-SMX-2 Datasheet PDF - Advanced Crystal Technology

Part # 533-SMX-2
Download  533-SMX-2 Click to download

File Size   235.52 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 5.0 x 3.2mm Crystal unit

533-SMX-2 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 533-SMX-2

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
533-0601 DIALIGHT-533-0601 Datasheet
66Kb / 1P
513 SERIES SWITCHES
533-0901 DIALIGHT-533-0901 Datasheet
66Kb / 1P
513 SERIES SWITCHES
logo
Vishay Siliconix
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
logo
Dialight Corporation
533-1001 DIALIGHT-533-1001 Datasheet
66Kb / 1P
513 SERIES SWITCHES
logo
Marl International Limi...
533-102-63 MARL-533-102-63 Datasheet
219Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Similar Description - 533-SMX-2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX501 PERICOM-JX501 Datasheet
749Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
JX502 PERICOM-JX502 Datasheet
744Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
logo
Advanced Crystal Techno...
531-SMX-4 ACT-531-SMX-4 Datasheet
234Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
5032H-SMX-4 ACT-5032H-SMX-4 Datasheet
179Kb / 1P
5.0 x 3.2mm Crystal unit
1/2/2017
logo
Golledge Electronics Lt...
GSX-531 GOLLEDGE-GSX-531 Datasheet
595Kb / 6P
5.0 x 3.2mm SM Crystal for Bluetooth
GSX-533 GOLLEDGE-GSX-533 Datasheet
588Kb / 5P
5.0 x 3.2mm SM Crystal for Bluetooth
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
High Frequency Fundamental 5.0 x 3.2mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
XO-0080-VWCOMOS-TYPE TAITIEN-XO-0080-VWCOMOS-TYPE Datasheet
298Kb / 1P
5.0 x 3.2mm SMD Voltage Controlled Crystal Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com