Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7025 Datasheet (PDF) - Anpec Electronics Coropration

APW7025 Datasheet PDF - Anpec Electronics Coropration
Part # APW7025
Download  APW7025 Download
File Size   62.55 Kbytes
Page   6 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Dual Linear Power Control

APW7025 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7025 Datasheet PDF - Anpec Electronics Coropration

Part # APW7025
Download  APW7025 Click to download

File Size   62.55 Kbytes
Page   6 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Dual Linear Power Control

APW7025 Datasheet (HTML) - Anpec Electronics Coropration


APW7025 Product details

General Description
The APW7025 integrates a PWM controller and Dual linear controller, as well as the monitoring and protection functions into a single package , which provides three controlled power outputs with over-voltage and over-current protections. The PWM controller regulates the DDR reference voltage with a synchronous-rectified buck converter. The linear controller regulates power for microprocessor core voltage and Memory Voltage.

Features
• 3 Regulated Voltage are provided
    • Switching Power for VTT(1.25V)
    • Linear1 Regulator for FBVDDQ(2.5V)
    • Linear2 Regulator for NVVDD(2.05V)
• Simple Single-Loop Control Design
    • Voltage-Mode PWM Control
• Excellent Output Voltage Regulation
    • PWM Output: ±1%
    • Linear Output: ±3%
• Fast Transient Response
    • High-Bandwidth Error Amplifier
    • Full 0% to 100% Duty Ratio
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
    • Constant Frequency Operation(200kHz)
    • Programmable Oscillator from 50kHz to 1MHz
    • Reduce External Component Count

Applications
• Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
• VGA Card Power Regulation




Similar Part No. - APW7025

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
APW702612KC-TR ANPEC-APW702612KC-TR Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
APW702612KC-TRL ANPEC-APW702612KC-TRL Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
APW702612KC-TU ANPEC-APW702612KC-TU Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
APW702612KC-TUL ANPEC-APW702612KC-TUL Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
More results


Similar Description - APW7025

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
FN4496 INTERSIL-FN4496 Datasheet
323Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1999
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com