Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7026 Datasheet (PDF) - Anpec Electronics Coropration

APW7026 Datasheet PDF - Anpec Electronics Coropration
Part # APW7026
Download  APW7026 Download
File Size   138.95 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Dual Linear Power Controllers

APW7026 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7026 Datasheet PDF - Anpec Electronics Coropration

Part # APW7026
Download  APW7026 Click to download

File Size   138.95 Kbytes
Page   11 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced PWM and Dual Linear Power Controllers

APW7026 Datasheet (HTML) - Anpec Electronics Coropration


APW7026 Product details

General Description
The APW7026 Provides the power control and protection for three output voltages in VGA Card applications. It integrates two PWM controllers, one linear controller as well as the monitoring and protection functions into a single package.

Features
• 3 Regulated Voltage are provided
    • SYNC Switching Power for VTT(1.25V)
    • ASYNC Switching Power for NVVDD(2.05V)
    • Linear Regulator for FBVDDQ(2.5V)
• Simple Single-Loop Control Design
    • Voltage-Mode PWM Control
• Excellent Output Voltage Regulation
    • VTT Output: ±1% Over Temperature
    • NVVDD Output: ±2% Over Temperature
    • FBVDDQ Output: ±2.5% Over Temperature
• Fast Transient Response
    • On-Chip Feedback Compensation
    • Full 0% to 100% Duty Ratio
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
    • Constant Frequency Operation(200kHz)
    • Programmable Oscillator from 50kHz to 800KHz
    • Reduce External Component Count

Applications
• VGA Card Power Regulation




Similar Part No. - APW7026

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7025 ANPEC-APW7025 Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7025KC-TR ANPEC-APW7025KC-TR Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7025KC-TU ANPEC-APW7025KC-TU Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
More results


Similar Description - APW7026

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
Advanced PWM and Dual Linear Power Control
January 1999
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
Advanced PWM and Dual Linear Power Control
April 1998
logo
Anpec Electronics Corop...
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
Advanced Dual PWM and Dual Linear Power Controllers
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
Advanced PWM and Dual Linear Power Control
APW7025 ANPEC-APW7025 Datasheet
62Kb / 6P
Advanced PWM and Dual Linear Power Control
logo
Intersil Corporation
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
Advanced PWM and Dual Linear Power Control
April 1, 2005
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
Advanced PWM and Dual Linear Power Control
April 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com