Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW6020 Datasheet (PDF) - Anpec Electronics Coropration

APW6020 Datasheet PDF - Anpec Electronics Coropration
Part # APW6020
Download  APW6020 Download
File Size   128.87 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced Dual PWM and Dual Linear Power Controllers

APW6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW6020 Datasheet PDF - Anpec Electronics Coropration

Part # APW6020
Download  APW6020 Click to download

File Size   128.87 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced Dual PWM and Dual Linear Power Controllers

APW6020 Datasheet (HTML) - Anpec Electronics Coropration


APW6020 Product details

General Description
The APW6020 provides the power control and protection for four output voltages in high-performance , graphics intensive microprocessor and computer applications. The IC integrates two voltage-mode PWM controllers and two linear controllers , as well as the monitoring and protection functions into a single package. One PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. The second PWM controller supplies the computer’s AGP 1.5V or 3.3V bus power with a standard Buck converter. The linear controllers requlate the power for the 1.5V GTL bus , and the 1.8V power for the North/South Bridge core voltage and/or cache memory circuits.

Features
• 4 Regulated Voltages are provided
    − Microprocessor Core (1.3V to 3.5V)
    − AGP Bus (1.5V or 3.3V)
    − Memory (1.8V) , GTL Bus (1.5V)
• Simple Single-Loop Control Designs Voltage-Mode PWM Control
• Fast PWM Converter Transient Response High-Bandwidth Error Amplifiers
    − Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
    − Core PWM Output : ± 1% Over Temperature
    − Other Outputs : ± 3% Over Temperature
• TTL-Compatible 5- Bit DAC Microprocessor Core Output Voltage Selection
    − Wide Range - 1.3VDC to 3.5 VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
    − Constant Frequency Operation
    − 200kHz Free-Running Oscillator ; Programmable From 50kHz to Over 800kHz
    − Small External Component Count

Applications
• Motherboard Power Regulation for Computers




Similar Part No. - APW6020

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TR ANPEC-APW6021AKC-TR Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TRL ANPEC-APW6021AKC-TRL Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TU ANPEC-APW6021AKC-TU Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
More results


Similar Description - APW6020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
October 1998
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
Advanced PWM and Dual Linear Power Controllers
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B_05 Datasheet
481Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 13, 2005
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
Advanced Dual PWM and Dual Linear Power Control
April 1998
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com