Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW3007 Datasheet (PDF) - Anpec Electronics Coropration

APW3007 Datasheet PDF - Anpec Electronics Coropration
Part # APW3007
Download  APW3007 Download
File Size   133.65 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced Dual PWM and Dual Linear Power Controller

APW3007 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW3007 Datasheet PDF - Anpec Electronics Coropration

Part # APW3007
Download  APW3007 Click to download

File Size   133.65 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Advanced Dual PWM and Dual Linear Power Controller

APW3007 Datasheet (HTML) - Anpec Electronics Coropration


APW3007 Product details

General Description
The APW3007 provides the power control and protection for four output voltage in high-performance microprocessor and computer applications.
The APW3007 is designed to provide termination voltage VTT(1.25V) with ±1% accuracy.
It integrates two PWM controllers , a linear regulator and a liear controller as well as the monitoring and protection function into a single package. One PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter , while the second PWM controller supplies the I/O 3.3V power with a standard buck converter. The linear controller regulates power for GTL bus and the intermal 200mA regulator for clock driver circuits.
The APW3007 can provide in excess of 14A of output current for an on-board DC/DC converter via internal reference voltage. It can monitor all the output voltage , and a single Power Good signal is issued when the core is within 10% of the internal reference voltage and the other levels are above their under voltage levels. Additional built-in over-voltage protection for the core output uses the lower MOSFET to prevent output voltage above 115% of the reference voltage. The PWM controller’s over-current function monitor the output current by sensing the voltage drop across the upper MOSFET’s RDS(ON) , eliminating the need for a current sensing resistor.

Features
• Provides 4 Regulated Voltages
   − Microprocessor Core , I/O , Clock Chip and GTL Bus
• Simple Single-Loop Control Design
   − Voltage-Mode PWM Control
• Fast Transient Response
   − High-Bandwidth Error Amplifier
   − Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
   − Core PWM Output : ±1% Over Temperature
   − I/O PWM Output : ±2% Over Temperature
   − Other Output : ±2.5% Over Temperature
• Power-Good Output Voltage Monitor
• Microprocessor Core Voltage Protection Against Shorted MOSFET
• Over-Voltage and Over-Current Fault Monitors
• Small Converter Size
   − Constant Frequency Operation
   − 200kHz Free-Running Oscillator ;
      Programmagle from 50kHz to 800kHz
  
Applications
• Motherboard Power Regulation for Computers
• Low-Voltage Distributed Power Supplies
• VGA Card Power Regulation
• Termination Voltage




Similar Part No. - APW3007

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW34063 ANPEC-APW34063 Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
APW34063J ANPEC-APW34063J Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
APW34063JC-TR ANPEC-APW34063JC-TR Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
APW34063JC-TRL ANPEC-APW34063JC-TRL Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
APW34063JC-TU ANPEC-APW34063JC-TU Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
More results


Similar Description - APW3007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com