Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6020A Datasheet (PDF) - Renesas Technology Corp

HIP6020A Datasheet PDF - Renesas Technology Corp
Part # HIP6020A
Download  HIP6020A Download
File Size   860.21 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Dual PWM and Dual Linear Power Controller

HIP6020A Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6020A Datasheet PDF - Renesas Technology Corp

Part # HIP6020A
Download  HIP6020A Click to download

File Size   860.21 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Dual PWM and Dual Linear Power Controller

HIP6020A Datasheet (HTML) - Renesas Technology Corp


HIP6020A Product details

Features
• Provides 4 Regulated Voltages
- Microprocessor Core, AGP Bus, North/South Bridge
and/or Cache Memory, and GTL Bus Power
• Drives N-Channel MOSFETs
• Linear Regulator Drives Compatible with both MOSFET
and Bipolar Series Pass Transistors
• Simple Single-Loop Control Designs
- Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
- High-Bandwidth Error Amplifiers
- Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
- Core PWM Output: 1% Over Temperature
- AGP Bus PWM Output: 3% Over Temperature
(1.5V Setting Only)
- Other Outputs: 3% Over Temperature
• TTL-Compatible 5 Bit DAC Microprocessor Core Output
Voltage Selection
- Wide Range - 1.3VDC to 3.5VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Switching Regulators Use MOSFET’s rDS(ON) Sensing
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable From
50kHz to Over 1MHz
- Small External Component Count
Applications
• Motherboard Power Regulation for Computers




Similar Part No. - HIP6020A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
HIP6020A INTERSIL-HIP6020A Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
HIP6020ACB INTERSIL-HIP6020ACB Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
HIP6020ACB INTERSIL-HIP6020ACB Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Similar Description - HIP6020A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com