Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9228 Datasheet (PDF) - Richtek Technology Corporation

RT9228 Datasheet PDF - Richtek Technology Corporation
Part # RT9228
Download  RT9228 Download
File Size   164.89 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER

RT9228 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9228 Datasheet PDF - Richtek Technology Corporation

Part # RT9228
Download  RT9228 Click to download

File Size   164.89 Kbytes
Page   10 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER

RT9228 Datasheet (HTML) - Richtek Technology Corporation


RT9228 Product details

General Description

The RT9228 is a 3-in-one power controller optimized for high-performance microprocessor and computer applications. The IC integrates a synchronous buck PWM controller, a linear regulator, and a linear controller as well as monitoring and protection functions into a 24-pin SOP package. The PWM controller regulates the microprocessor core voltage. The linear regulator provides power for the clock driver circuit and the linear controller regulates power for the GTL bus.



Features

3-in-one Regulated Voltages for Microprocessor Core, Clock, and GTL

Compatible with HIP6016

Power-good Output Voltage Monitor Switching Section

5-bit DAC Programmable from 1.3V to 3.5V

±1% DAC Accuracy

Fast Transient Response

Full 0% to 100% Duty Cycle Driver

Fixed 200kHz Switching Frequency

Adaptive Non-Overlapping Gate Driver

Over-Current Monitor Uses MOSFET RDS(ON)

Over-Voltage Protection Uses Lower MOSFET Linear Section

Fixed Linear Regulator Output Voltage

MOSFET or NPN Driving Capability

Ultra Fast Response Speed

Under-Voltage Protection

Internal Thermal Shutdown

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Full Motherboard Power Regulation for Computer

Low-voltage Distributed Power Supplies




Similar Part No. - RT9228

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228GS RICHTEK-RT9228GS Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228PS RICHTEK-RT9228PS Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
More results


Similar Description - RT9228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com