Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP20C Datasheet (PDF) - List of Unclassifed Manufacturers

SIP20C Datasheet PDF - List of Unclassifed Manufacturers
Part # SIP20C
Download  SIP20C Download
File Size   160.5 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DC/DC CONVERTERS

SIP20C Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP20C Datasheet PDF - List of Unclassifed Manufacturers

Part # SIP20C
Download  SIP20C Click to download

File Size   160.5 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DC/DC CONVERTERS

SIP20C Datasheet (HTML) - List of Unclassifed Manufacturers


SIP20C Product details

[Artesyn Technologies]

The SIP20C series are non-isolated DC/DC converters packaged in a single-in-line footprint (2.5 x 0.55 x 0.23 inches) giving designers a cost effective solution for conversion of 5VDC to 3.3VDC and lower voltages. The SIP20C offers a best-of-class wide output trim range which allows maximum design flexibility and a pathway for future upgrades. For example, the 1.5V model can be trimmed as low as 1V. Local voltage conversion by the SIP20C from existing 5V system voltages eliminates the need for redesign of existing power architectures when voltage requirements change. The SIP20C is designed for applications that include distributed power, workstations, computers and file servers. Implementing state of the art surface mount technology and automated manufacturing techniques, the SIP20C offers compact size and efficiencies of 90%. The SIP20C is an updated version of the original SIP20 and is fully compatible with the original model.

• Updated version of SIP20
• Best-of-class wide output trim range
• Industry standard footprint
• High power density (60W/in3)
• High Efficiency 90%
• Fixed frequency (500kHz)
• Remote ON/OFF
• Undervoltage lockout (UVLO)
• Remote sense option




Similar Part No. - SIP20C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIP20C EMERSON-NETWORKPOWER-SIP20C Datasheet
92Kb / 2P
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
SIP20C-05S1V5J EMERSON-NETWORKPOWER-SIP20C-05S1V5J Datasheet
92Kb / 2P
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
SIP20C-05S2V5J EMERSON-NETWORKPOWER-SIP20C-05S2V5J Datasheet
92Kb / 2P
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
SIP20C-05S3V3J EMERSON-NETWORKPOWER-SIP20C-05S3V3J Datasheet
92Kb / 2P
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
More results


Similar Description - SIP20C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com