Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP20C Datasheet (PDF) - Emerson Network Power

SIP20C Datasheet PDF - Emerson Network Power
Part # SIP20C
Download  SIP20C Download
File Size   92.82 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators

SIP20C Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP20C Datasheet PDF - Emerson Network Power

Part # SIP20C
Download  SIP20C Click to download

File Size   92.82 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators

SIP20C Datasheet (HTML) - Emerson Network Power


SIP20C Product details

The SIP20C series are non-isolated dc-dc converters packaged in a single-in-line footprint (2.5 x 0.55 x 0.23 inches) giving designers a cost effective solution for conversion of 5 Vdc to 3.3 Vdc and lower voltages. The SIP20C offers a best-of-class wide output trim range which allows maximum design flexibility and a pathway for future upgrades. Local voltage conversion by the SIP20C from existing 5 V system voltages eliminates the need for redesign of existing power architectures when voltage requirements change. The SIP20C is designed for applications that include distributed power, workstations, computers and file servers. Implementing state of the art surface mount technology and automated manufacturing techniques, the SIP20C offers compact size and efficiencies of 90%. The SIP20C is an updated version of the original SIP20 and is fully compatible with the original model.

• Updated version of SIP20
• Best-of-class wide output trim range
• Industry standard footprint
• High power density (60 W/in3)
• High Efficiency 90%
• Fixed frequency (500 kHz)
• Remote ON/OFF
• Undervoltage lockout (UVLO)
• Remote sense option
• Available RoHS compliant




Similar Part No. - SIP20C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIP20C ETC1-SIP20C Datasheet
160Kb / 2P
DC/DC CONVERTERS
SIP20C-05S1V5 ETC1-SIP20C-05S1V5 Datasheet
160Kb / 2P
DC/DC CONVERTERS
SIP20C-05S2V5 ETC1-SIP20C-05S2V5 Datasheet
160Kb / 2P
DC/DC CONVERTERS
SIP20C-05S3V3 ETC1-SIP20C-05S3V3 Datasheet
160Kb / 2P
DC/DC CONVERTERS
More results


Similar Description - SIP20C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
logo
Emerson Network Power
NXA66 EMERSON-NETWORKPOWER-NXA66 Datasheet
653Kb / 2P
66 W Non-isolated DC-DC Converters
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com