Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP20C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIP20C
Description  DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIP20C Datasheet(HTML) 1 Page - Emerson Network Power

  SIP20C Datasheet HTML 1Page - Emerson Network Power SIP20C Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
1
2 YEAR WARRANTY
SIP20C Series
Single output
• Updated version of SIP20
• Best-of-class wide output trim range
• Industry standard footprint
• High power density (60 W/in3)
• High Efficiency 90%
• Fixed frequency (500 kHz)
• Remote ON/OFF
• Undervoltage lockout (UVLO)
• Remote sense option
• Available RoHS compliant
The SIP20C series are non-isolated dc-dc converters packaged in a single-in-line footprint
(2.5 x 0.55 x 0.23 inches) giving designers a cost effective solution for conversion of 5 Vdc to
3.3 Vdc and lower voltages. The SIP20C offers a best-of-class wide output trim range which
allows maximum design flexibility and a pathway for future upgrades. Local voltage
conversion by the SIP20C from existing 5 V system voltages eliminates the need for redesign
of existing power architectures when voltage requirements change. The SIP20C is designed
for applications that include distributed power, workstations, computers and file servers.
Implementing state of the art surface mount technology and automated manufacturing
techniques, the SIP20C offers compact size and efficiencies of 90%. The SIP20C is an
updated version of the original SIP20 and is fully compatible with the original model.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS (4)
Radiated emissions
EN55022/11, FCC part 15
Level A
Electrostatic discharge
EN61000-4-2, IEC801-2
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Non-isolated
Switching frequency
Fixed
500 kHz typ.
Approvals and
VDE0805, EN60950, IEC950
standards (See Note 7)
UL1950, CSA C22.2 No. 950
Material flammability
UL94V-0
Dimensions
(LxWxH)
63.5 x 13.97 x 5.84 mm
2.5 x 0.55 x 0.23 inches
Pin length
0.135 ±0.02 inches (3.43 ±0.5 mm)
Weight
5 g (0.18 oz)
MTBF
MIL-HDBK-217F
>1,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
See curve
convection cooled
Operating ambient,
-25 °C to +85 °C
300 LFM forced air
See Curve
Non-operating
-55 °C to +100 °C
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
5-500 Hz
2.4G rms (approx.)
OUTPUT SPECIFICATIONS
Voltage adjustability
S3V3J
60% to 115%
S2V5J
60% to 110%
S1V5J
87% to 130%
Set point accuracy
(See Note 1)
±2.7%
Line regulation
Vin = 4.5-5.5 V
±0.3%
Load regulation
Io = 0-6 A
±0.3%
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
0 to 20 MHz BW
100 mV pk-pk,
(See Note 8)
30 mV rms max.
Temperature coefficient
±0.01%/°C
Transient response
±2.0% max. deviation
(See Note 2)
300 µs recovery
to within ±1.0%
Remote sense
(See Note 6)
0.5 Vdc compensation
INPUT SPECIFICATIONS
Input voltage range
4.5 to 5.5 VDC
Input current
No load
150 mA
Input current
@ Io max. and
5.3 A max.
Vin = 0-5.5 V
Input reflected ripple
(See Note 3)
200 mA
Remote ON/OFF
(See Note 5)
Start-up time
1.0 ms
External capacitor
(See Note 4)
100 µF
SPECIFICATIONS
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 126328
UL1950 File No. E174104
CSA 22.2 No. 950 and CB Report and Certificate to DE1-31667
File Name: sip20c.pdf Rev (01): 16 Dec 2005


Similar Part No. - SIP20C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIP20C ETC1-SIP20C Datasheet
160Kb / 2P
DC/DC CONVERTERS
SIP20C-05S1V5 ETC1-SIP20C-05S1V5 Datasheet
160Kb / 2P
DC/DC CONVERTERS
SIP20C-05S2V5 ETC1-SIP20C-05S2V5 Datasheet
160Kb / 2P
DC/DC CONVERTERS
SIP20C-05S3V3 ETC1-SIP20C-05S3V3 Datasheet
160Kb / 2P
DC/DC CONVERTERS
More results

Similar Description - SIP20C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
logo
Emerson Network Power
NXA66 EMERSON-NETWORKPOWER-NXA66 Datasheet
653Kb / 2P
66 W Non-isolated DC-DC Converters
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com