Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP20C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIP20C
Description  DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIP20C Datasheet(HTML) 2 Page - Emerson Network Power

  SIP20C Datasheet HTML 1Page - Emerson Network Power SIP20C Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.23 Max.
(5.84)
0.025
(0.635)
Square
Pins
PC Board
0.140 Max.
(3.556)
0.135
(3.43)
0.28 (7.11)
2.50 (63.5)
0.55 (13.97)
0.685 (17.40)
0.10 (2.54)
RT1
J1
J2
1
123
5 6
23 4 5
1.90 (48.26)
Optional Remote
Sense Pin (See Note 6)
ALL DIMENSIONS IN INCHES (mm)
Recommended hole size 0.04 (1.0)
Plated through hole
4
TRIM
UP
TRIM
DOWN
J1 PIN 5
J2 PIN 5
J1 PIN 2
J1 PIN 5
J2 PIN 5
J1 PIN 2
10K
TRIMPOT
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
Vin = 5.0 V, Io = full load, TA = 25 °C. Total error band ±4.5% over all
operating conditions and temperatures until end of life.
2
di/dt = 1 A/1 µs, Vin = 5 Vdc, Tc = 25 °C, load change = 0.5 lo max. to lo
max. and Io max. to 0.5 Io max.
3
With simulated source impedance of 500 nH. 5 Hz to 20 MHz.
4
Use a 100 µF with ESR = 0.045 Ω max. at 100 kHz @ 25 °C.
5
Referenced to ground for shutdown. If pin 6 is high unit will shut down. If
pin 6 is open unit will operate as normal.
6
Single line sense; 0.5 Vdc compensation. Designate with the suffix 'R'
e.g. SIP20C-05S3V3RJ.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
0 MHz to 20 MHz BW, 0.1 µF ceramic, 1 µF tantalum on output.
9
A short from +Vout to ground of less than 100 mΩ may cause the unit to
enter a non-destructive latch-up mode. If latch-up does occur the power
supply to the unit may need to be cycled.
10 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
11 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
PROTECTION
Short-circuit
Continuous (See Note 9)
Input surge
6 Vdc continuous max.
Undervoltage
UVLO Vin <3.8 V
Thermal
Automatic recovery, unit will
shut down if RT1 exceeds 85 °C
(See diagram below)
J1 PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
+Vout
2
+Vout
3
Opt. Remote Sense (+)
4
+Vout
5
Ground
J2 PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Ground
2+Vin
3+Vin
4
No Pin
5
Trim
6
Remote ON/OFF
SIP20C Series
Single output
DC-DC CONVERTERS 9-20 W Non-isolated DC-DC Regulators
2
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using either method shown below.
www.artesyn.com
6
5
4
3
2
1
0
-25°C 0°C
15°C
25°C
35°C
45°C
55°C
65°C
75°C
85°C
DERATING CURVE
200 LFM
300 LFM
AMBIENT TEMPERATURE (
°C)
100 LFM
NATURAL
CONVECTION
COOLING
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (6, 10, 11)
(MAX.)
(MIN.)
(MAX.)
20 W
4.5-5.5 Vdc
3.3 V
0 A
6 A
90%
±0.3%
±0.3%
SIP20C-05S3V3J
15 W
4.5-5.5 Vdc
2.5 V
0 A
6 A
82%
±0.3%
±0.3%
SIP20C-05S2V5J
9 W
4.5-5.5 Vdc
1.5 V
0 A
6 A
75%
±0.3%
±0.3%
SIP20C-05S1V5J
File Name: sip20c.pdf Rev (01): 16 Dec



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com