Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD1LIN24-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ESD1LIN24-Q1 Datasheet PDF - Texas Instruments
Part # ESD1LIN24-Q1
Download  ESD1LIN24-Q1 Download
File Size   682.57 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD1LIN24 24-V, 1-Channel ESD Protection Diode

ESD1LIN24-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD1LIN24-Q1 Datasheet PDF - Texas Instruments

Part # ESD1LIN24-Q1
Download  ESD1LIN24-Q1 Click to download

File Size   682.57 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD1LIN24 24-V, 1-Channel ESD Protection Diode

ESD1LIN24-Q1 Datasheet (HTML) - Texas Instruments


ESD1LIN24-Q1 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30-kV contact discharge
– ±30-kV air-gap discharge
• Robust surge protection:
– IEC 61000-4-5 (8/20 μs): 4.3 A
• 24-V working voltage
• Bidirectional ESD protection
• Low clamping voltage protects downstream
components
• Temperature range: –55°C to +150°C
• I/O capacitance = 2.3 pF (typical)
• Offered in industry standard package: SOD-323
(DYF)
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• USB power delivery (USB-PD)
– VBUS protection
– IO protection
• Industrial control networks:
– Local interconnect network (LIN)
– Single line CAN ESD protection
– DeviceNet
– Smart distribution systems

3 Description
The ESD1LIN24 is a single-channel low capacitance
bidirectional ESD protection device for local
interconnect network (LIN). This device is rated to
dissipate contact ESD strikes beyond the maximum
level specified in the IEC 61000-4-2 international
standard (±30-kV Contact, ±30-kV Airgap). The
low dynamic resistance and low clamping voltage
help protect systems against transient events. This
protection is key in safety systems that require a high
level of robustness and reliability.




Similar Part No. - ESD1LIN24-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI2-ESD1LIN24-Q1 Datasheet
887Kb / 19P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V01 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
More results


Similar Description - ESD1LIN24-Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
Texas Instruments
ESD401 TI1-ESD401 Datasheet
1Mb / 17P
1-Channel ESD Protection Diode With Robust IEC ESD Performance
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V01 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD751 TI-ESD751 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD751 TI-ESD751_V01 Datasheet
1Mb / 24P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V02 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
logo
Diodes Incorporated
D3V3M2B3SO DIODES-D3V3M2B3SO Datasheet
381Kb / 5P
2 CHANNEL ESD PROTECTION DIODE
November 2022 Rev. 1 - 2
logo
Texas Instruments
ESD852 TI1-ESD852 Datasheet
979Kb / 17P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com