Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD852 Datasheet (PDF) - Texas Instruments

ESD852 Datasheet PDF - Texas Instruments
Part # ESD852
Download  ESD852 Download
File Size   979.66 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ESD8x2 2-Channel, 36 V ESD Protection Diode

ESD852 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD852 Datasheet PDF - Texas Instruments

Part # ESD852
Download  ESD852 Click to download

File Size   979.66 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ESD8x2 2-Channel, 36 V ESD Protection Diode

ESD852 Datasheet (HTML) - Texas Instruments


ESD852 Product details

1 Features
• Working voltage 36 V
• Low leakage current 50 nA (maximum)
• IEC 61000-4-2 ESD protection:
– ±25-kV contact and ±25-kV air (ESD852)
– ±18-kV contact and ±18-kV air (ESD862)
• Robust surge protection:
– IEC 61000-4-5 (8/20 μs): 4.3 A (ESD852)
– IEC 61000-4-5 (8/20 μs): 3.1 A (ESD862)
• Bidirectional ESD protection
• I/O capacitance = 2.8 pF typical (ESD852)
• I/O capacitance = 2.6 pF typical (ESD862)
• SOT-23 (DBZ) small, standard, common footprint
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• Factory automation
• Communication equipments
• USB power delivery (USB-PD):
– VBUS protection
– IO protection (withstand short to VBUS)
• Industrial communications:
– CAN / CAN-FD

3 Description
The ESD8x2 devices are bidirectional ESD protection
diodes for USB power delivery (USB-PD) and
industrial interfaces. The devices are rated to
dissipate ESD that meets or exceeds the maximum
level specified in the IEC 61000-4-2 standard (±25-kV
contact and airgap, or ±18-kV contact and airgap).
The low dynamic resistance and low clamping voltage
enables system level protection against transient
events. This protection is key because industrial
systems require a high level of robustness and
reliability.
These devices feature a low IO capacitance per
channel and a pin-out to suit two IO lines from
damage caused by electrostatic discharge (ESD) and
other transients. The IPP = 4.3A (8/20 μs surge
waveform) capability of the ESD852 makes it an
excellent choice for protecting USB VBUS against
transient surge events as well as industrial I/O lines.
Additionally, the 2.8 pF or 2.6 pF line capacitance of
the ESD8x2 are an excellent choice for protecting the
slower speed signals for USB power delivery and IO
signals for industrial applications.




Similar Part No. - ESD852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD852 TI2-ESD852 Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852 TI2-ESD852 Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852 TI2-ESD852 Datasheet
1Mb / 21P
ESD8x2 2-Channel, 36V ESD Protection Diode
REVISED JANUARY 2026
ESD852DBZR TI2-ESD852DBZR Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852DBZR TI2-ESD852DBZR Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
More results


Similar Description - ESD852

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
2 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN004 ONSEMI-PACDN004 Datasheet
107Kb / 9P
2-Channel ESD Protection Array
May 2010 Rev. 3
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
2 Channel Low Capacitance ESD Protection DIode Array
logo
ON Semiconductor
PACDN004 ONSEMI-PACDN004_15 Datasheet
102Kb / 7P
2-Channel ESD Protection Array
July, 2015 ??Rev. 5
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
Dual Channel ESD protection diode
logo
Texas Instruments
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
2-Channel ESD Protection
ESDS302DBVR-TP TECHPUBLIC-ESDS302DBVR-TP Datasheet
2Mb / 4P
2-Line ESD Protection Diode Array
logo
Diodes Incorporated
D3V3M2B3SO DIODES-D3V3M2B3SO Datasheet
381Kb / 5P
2 CHANNEL ESD PROTECTION DIODE
November 2022 Rev. 1 - 2
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com