Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7063 Datasheet (PDF) - Anpec Electronics Coropration

APW7063 Datasheet PDF - Anpec Electronics Coropration
Part # APW7063
Download  APW7063 Download
File Size   366.34 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM and Linear Controller

APW7063 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7063 Datasheet PDF - Anpec Electronics Coropration

Part # APW7063
Download  APW7063 Click to download

File Size   366.34 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM and Linear Controller

APW7063 Datasheet (HTML) - Anpec Electronics Coropration


APW7063 Product details

General Description
The APW7063 integrates PWM and linear controller, as well as themonitoring and protectionfunctions into a single package. The synchronous PWM controller which drives dualN-channel MOSFETs, which provides one controlled power outputs with under-voltage and over-current protections. Linear controller drives an external N-channel MOSFET with under-voltage protection.

Features
• Provide Two Regulated Voltages
    - Synchronous Rectified Buck PWM Controller
    - Linear Controller
• Fast Transient Response
    - 0~85% Duty Ratio
• Excellent Output Voltage Regulation
    - 0.8V Internal Reference
    - ±1% Over Line Voltage and Temperature
• Over Current Protection
    - Sense Low-Side MOSFET’s RDS(ON)
• Under Voltage Lockout
• Small Converter Size
    - 250KHz Free-Running Oscillator
    - Programmable From 70kHz to 800kHz
• 14-Lead SOIC Package
• Lead Free Available (RoHS Compliant)

Applications
• Graphic Cards
• Memory Power Supplies
• DSL or Cable MODEMs
• Set Top Boxes
• Low-Voltage Distributed Power Supplies




Similar Part No. - APW7063

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
APW7063KC-TRG ANPEC-APW7063KC-TRG Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
More results


Similar Description - APW7063

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
Synchronous Buck PWM and Linear Controllers
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
Synchronous Buck PWM and Linear Controller
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
Synchronous Buck PWM and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com