Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7058 Datasheet (PDF) - Anpec Electronics Coropration

APW7058 Datasheet PDF - Anpec Electronics Coropration
Part # APW7058
Download  APW7058 Download
File Size   174.16 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM and Linear Controllers

APW7058 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7058 Datasheet PDF - Anpec Electronics Coropration

Part # APW7058
Download  APW7058 Click to download

File Size   174.16 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM and Linear Controllers

APW7058 Datasheet (HTML) - Anpec Electronics Coropration


APW7058 Product details

General Description
The APW7058 integrates one synchronous-rectified Buck PWM controller and one linear controller to provide two regulated voltages for graphics cards and other embedded processor applications.

Features
• Provides Two Regulated Voltages
    - One Synchronous-Rectified Buck PWM Controller
    - One Linear Controller
• Low Reference Voltage for Further Applications
    - Both Controllers : 0.8V ± 2% Over Temperature
• Both Controllers Drive N-Channel MOSFETs
    - PWM Controller Drives Dual N-Channel MOSFETs
    - Linear Controller Drives N-Channel MOSFET
• Built-in PWM Feedback Compensation
    - No Steady-State Error
    - Voltage-Mode PWM Control
    - Full 0~100% Duty Ratio
    - Fast Transient Response
• Adjustable Outputs by External Resistor Dividers
• Under-Voltage Monitoring on Both Controllers
• Small Converter Size
    - 600kHz Constant Switching Frequency
    - Built-In Soft-Start
    - Simple SO-8 Package
• Shutdown Control
• Lead Free Available (RoHS Compliant)

Applications
• Motherboard
• Graphics Cards
• 12V, 5V and 3.3V Inputs DC-DC Converter




Similar Part No. - APW7058

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
APW7055ANC-TR ANPEC-APW7055ANC-TR Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
APW7055ANC-TRL ANPEC-APW7055ANC-TRL Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
APW7055ANC-TU ANPEC-APW7055ANC-TU Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
APW7055ANC-TUL ANPEC-APW7055ANC-TUL Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
More results


Similar Description - APW7058

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
Synchronous Buck PWM and Linear Controller
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
Dual Synchronous Buck PWM Controllers
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com