Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6529 Datasheet (PDF) - Renesas Technology Corp

ISL6529 Datasheet PDF - Renesas Technology Corp
Part # ISL6529
Download  ISL6529 Download
File Size   1147.18 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers

ISL6529 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6529 Datasheet PDF - Renesas Technology Corp

Part # ISL6529
Download  ISL6529 Click to download

File Size   1147.18 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers

ISL6529 Datasheet (HTML) - Renesas Technology Corp


ISL6529 Product details

Dual Regulator–Synchronous Rectified Buck PWM and Linear Power Controllers

The ISL6529, ISL6529A provide the power control and protection for two output voltages in high-performance graphics cards and other embedded processor applications. The dual-output controllers drive two N-Channel MOSFETs in a synchronous rectified buck converter topology and one N-Channel MOSFET in a linear configuration. The ISL6529, ISL6529A provide both a regulated high current, low voltage supply and an independent, lower current supply integrated in a 14-lead SOIC package. The controllers are ideal for graphic card applications where regulation of both the graphics processing unit (GPU) and memory supplies is required.

Features
• Provides two regulated voltages
    - One synchronous rectified buck PWM controller
    - One linear controller
• Both controllers drive low cost N-Channel MOSFETs
• 12V direct drive saves external components
• Small converter size
    - 600kHz constant frequency operation
    - Small external component count
• Excellent output voltage regulation
    - Both outputs: ±1% over temperature - ISL6529AC
    - Both outputs: ±2% over temperature - ISL6529C
• 5V down conversion
• PWM and linear output voltage range: down to 0.8V
• Simple single-loop voltage-mode PWM control design
• Fast PWM converter transient response
    - High-bandwidth error amplifier
    - Full 0-100% duty ratio
• Linear controller drives N-Channel MOSFET pass transistor
• Fully-adjustable outputs
• Undervoltage fault monitoring on both outputs
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)

Applications
• Graphics–GPU and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies




Similar Part No. - ISL6529

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
December 28, 2004
ISL6529ACB INTERSIL-ISL6529ACB Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
ISL6529ACB INTERSIL-ISL6529ACB Datasheet
376Kb / 15P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
December 28, 2004
ISL6529ACB-T INTERSIL-ISL6529ACB-T Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
More results


Similar Description - ISL6529

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
December 28, 2004
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
Synchronous Buck PWM and Linear Controllers
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
September 22, 2006
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com