Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6529A Datasheet (PDF) - Intersil Corporation

ISL6529A Datasheet PDF - Intersil Corporation
Part # ISL6529A
Download  ISL6529A Download
File Size   376.73 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller

ISL6529A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6529A Datasheet PDF - Intersil Corporation

Part # ISL6529A
Download  ISL6529A Click to download

File Size   376.73 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller

ISL6529A Datasheet (HTML) - Intersil Corporation


ISL6529A Product details

Dual Regulator–Synchronous Rectified Buck PWM and Linear Power Controllers

The ISL6529, ISL6529A provide the power control and protection for two output voltages in high-performance graphics cards and other embedded processor applications. The dual-output controllers drive two N-Channel MOSFETs in a synchronous rectified buck converter topology and one N-Channel MOSFET in a linear configuration. The ISL6529, ISL6529A provide both a regulated high current, low voltage supply and an independent, lower current supply integrated in a 14-lead SOIC package. The controllers are ideal for graphic card applications where regulation of both the graphics processing unit (GPU) and memory supplies is required.

Features
• Provides two regulated voltages
    - One synchronous rectified buck PWM controller
    - One linear controller
• Both controllers drive low cost N-Channel MOSFETs
• 12V direct drive saves external components
• Small converter size
    - 600kHz constant frequency operation
    - Small external component count
• Excellent output voltage regulation
    - Both outputs: ±1% over temperature - ISL6529AC
    - Both outputs: ±2% over temperature - ISL6529C
• 5V down conversion
• PWM and linear output voltage range: down to 0.8V
• Simple single-loop voltage-mode PWM control design
• Fast PWM converter transient response
    - High-bandwidth error amplifier
    - Full 0-100% duty ratio
• Linear controller drives N-Channel MOSFET pass transistor
• Fully-adjustable outputs
• Undervoltage fault monitoring on both outputs
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)

Applications
• Graphics–GPU and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies




Similar Part No. - ISL6529A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529ACB INTERSIL-ISL6529ACB Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
logo
Renesas Technology Corp
ISL6529ACB RENESAS-ISL6529ACB Datasheet
1Mb / 20P
Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6529ACB-T INTERSIL-ISL6529ACB-T Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
ISL6529ACBZ INTERSIL-ISL6529ACBZ Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
logo
Renesas Technology Corp
ISL6529ACBZ RENESAS-ISL6529ACBZ Datasheet
1Mb / 20P
Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
More results


Similar Description - ISL6529A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
April 12, 2005
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
September 22, 2006
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com