Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7060 Datasheet (PDF) - Anpec Electronics Coropration

APW7060 Datasheet PDF - Anpec Electronics Coropration
Part # APW7060
Download  APW7060 Download
File Size   179.41 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Controllers - Step Down Synchronous PWM and Linear Controller

APW7060 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7060 Datasheet PDF - Anpec Electronics Coropration

Part # APW7060
Download  APW7060 Click to download

File Size   179.41 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Dual Controllers - Step Down Synchronous PWM and Linear Controller

APW7060 Datasheet (HTML) - Anpec Electronics Coropration


APW7060 Product details

General Description

The APW7060 integrates a synchronous buck PWM controller and a linear controller to provide two regulated voltages in a single package. The PWM controller drives external N-channel MOSFETs and operates at a fixed 600kHz frequency.



Features

•Provides Two Regulated Voltages

- One Synchronous DC/DC Buck Controller

- One Linear Controller

•0.8V Internal Reference Voltage

- Both Controllers: 0.8V ± 2% Line, Load and Temp.

•Output Voltage Range

- PWM Controller : 0.8V to VIN

- Linear Controller : 0.8V to (12VCC-VGSpass)

•Full Duty Cycle Range for PWM Controller

- 0% to 100%

•Internal Loop Compensation for PWM Controller

•Internal 2ms Soft Start and Short Circuit Protection for both Controllers

•Both Controllers Drive N-Channel MOSFETs

•Small Converter Size

- 600kHz Constant Switching Frequency

- Simple SO-14 Package

•Shutdown Control



Applications

•Motherboard

•Graphics Cards

•12V, 5V and 3.3V Inputs DC-DC Converter

•DSP Supplies

•Embedded processor and I/O supplies




Similar Part No. - APW7060

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7061 ANPEC-APW7061 Datasheet
286Kb / 17P
Synchronous Buck PWM Controller
APW7061KC-TR ANPEC-APW7061KC-TR Datasheet
286Kb / 17P
Synchronous Buck PWM Controller
APW7061KC-TRL ANPEC-APW7061KC-TRL Datasheet
286Kb / 17P
Synchronous Buck PWM Controller
APW7061KC-TU ANPEC-APW7061KC-TU Datasheet
286Kb / 17P
Synchronous Buck PWM Controller
APW7061KC-TUL ANPEC-APW7061KC-TUL Datasheet
286Kb / 17P
Synchronous Buck PWM Controller
More results


Similar Description - APW7060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com