Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7061 Datasheet (PDF) - Anpec Electronics Coropration

APW7061 Datasheet PDF - Anpec Electronics Coropration
Part # APW7061
Download  APW7061 Download
File Size   286.19 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7061 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7061 Datasheet PDF - Anpec Electronics Coropration

Part # APW7061
Download  APW7061 Click to download

File Size   286.19 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7061 Datasheet (HTML) - Anpec Electronics Coropration


APW7061 Product details

General Description
The APW7061is a voltage mode, synchronous PWM controller which drives dual N-channel MOSFETs. It integrates the controls, monitoring and protection functions into a single package, which provides one controlled power outputs with under-voltage and over-current protections.

Features
• Fast Transient Response
    - 0~85% Duty Ratio
• Excellent Output Voltage Regulation
    - 0.8V Internal Reference
    - ±1% Over Line Voltage and Temperature
• Internal Soft-Start
    - Typical 2mS
• Over Current Protection
    - Sense Low-side MOSFET’s RDS(ON)
• Under Voltage Lockout
• Small Converter Size
    - 250kHz Free-running Oscillator
• 8-lead SOIC Package
• Lead Free Available (RoHS Compliant)

Applications
• Graphic Cards
• Memory Power Supplies
• DSL or Cable MODEMs
• Set Top Boxes
• Low-Voltage Distributed Power Supplies




Similar Part No. - APW7061

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060K ANPEC-APW7060K Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060KC-TR ANPEC-APW7060KC-TR Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060KC-TU ANPEC-APW7060KC-TU Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
More results


Similar Description - APW7061

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com