Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7062B Datasheet (PDF) - Anpec Electronics Coropration

APW7062B Datasheet PDF - Anpec Electronics Coropration
Part # APW7062B
Download  APW7062B Download
File Size   229.69 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7062B Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7062B Datasheet PDF - Anpec Electronics Coropration

Part # APW7062B
Download  APW7062B Click to download

File Size   229.69 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7062B Datasheet (HTML) - Anpec Electronics Coropration


APW7062B Product details

General Description
The APW7062B is a voltage mode, synchronous PWM controller which drives dual N-Channel MOSFETs. It integrates the control, monitoring and protection functions into a single package, provides one controlled power outputs with under-voltage and over-current protection.

Features
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - Full 0–100% Duty Ratio
• Excellent Output Voltage Regulation
    - 0.8V Internal Reference
    - ± 1% Over Line Voltage and Temperature
• Over Current Fault Monitor
    - Uses Upper MOSFETs RDS (ON)
• Converter Can Source and Sink Current
• Small Converter Size
    - 200kHz Free-Running Oscillator
    - Programmable from 70kHz to 800kHz
• 14-Lead SOIC Package
• Lead Free Available (RoHS Compliant)

Applications
• Graphic Cards
• DDR Memory Power Supply
• DDR Memory Termination Voltage
• Low-Voltage Distributed Power Supplies




Similar Part No. - APW7062B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062B ANPEC-APW7062B Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7062BKC-TRG ANPEC-APW7062BKC-TRG Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7062BKC-TRL ANPEC-APW7062BKC-TRL Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
More results


Similar Description - APW7062B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com