Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7064 Datasheet (PDF) - Anpec Electronics Coropration

APW7064 Datasheet PDF - Anpec Electronics Coropration
Part # APW7064
Download  APW7064 Download
File Size   388.68 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7064 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7064 Datasheet PDF - Anpec Electronics Coropration

Part # APW7064
Download  APW7064 Click to download

File Size   388.68 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7064 Datasheet (HTML) - Anpec Electronics Coropration


APW7064 Product details

General Description
The APW7064 uses fixed 200kHz switching frequency, voltage mode, synchronous PWM controller which drives dual N-channel MOSFETs. The device integrates the control, monitoring and protection functions into a single package, provides one controlled power output with under-voltage protection.

Features
• Single 12V Power Supply Required
• Fast Transient Response
    - 0~90% Duty Ratio
• 1.2V Reference with 1% Accuracy
• Shutdown Function by Controlling COMP Pin Voltage
• Internal Soft-Start (5.1ms) Function
• Voltage Mode PWM Control Design
• Under-Voltage Protection
• 200kHz Fixed Switching Frequency
• SOP-8P Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Graphics Card
• Mother Board
• SMPS




Similar Part No. - APW7064

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060K ANPEC-APW7060K Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060KC-TR ANPEC-APW7060KC-TR Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7060KC-TU ANPEC-APW7060KC-TU Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7061 ANPEC-APW7061 Datasheet
286Kb / 17P
Synchronous Buck PWM Controller
More results


Similar Description - APW7064

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com