Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7065C Datasheet (PDF) - Anpec Electronics Coropration

APW7065C Datasheet PDF - Anpec Electronics Coropration
Part # APW7065C
Download  APW7065C Download
File Size   960.02 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7065C Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7065C Datasheet PDF - Anpec Electronics Coropration

Part # APW7065C
Download  APW7065C Click to download

File Size   960.02 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7065C Datasheet (HTML) - Anpec Electronics Coropration


APW7065C Product details

General  Description

The APW7065C uses fixed 300kHz switching frequency, voltage mode, synchronous PWM controller which drives dual N-channel MOSFETs. The  device integrates the control, monitoring and protection functions into a single package, provides one controlled power output with under-voltage and over-current protections. The APW7065C provides excellent regulation for output load variation. The internal 0.8V temperature-com pensated reference voltage is designed to meet the requirement of low output voltage applications. An built-in digital soft-start with fixed soft-start interval prevents the output voltage from overshoot as well as limiting the in put current.



Features

• Single 12V Power Supply Required

• Fast Transient Response

- 0~90% Duty Ratio

• 0.8V Reference with 1% Accuracy

• Shutdown Function by Controlling COMP Pin Voltage

• Internal Soft-Start (1.7ms) Function

• Voltage Mode PWM Control Design

• Under-Voltage Protection

• Over-Current Protection

- Sense Low Side MOSFET’ s RDS(ON)

• 300kHz Fixed Switching Frequency

• SOP-8 Package

• Lead Free and Green Devices Available(RoHS Compliant)




Similar Part No. - APW7065C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7065 ANPEC-APW7065 Datasheet
764Kb / 19P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065KE-TR ANPEC-APW7065KE-TR Datasheet
764Kb / 19P
Synchronous Buck PWM Controller
APW7065KE-TRG ANPEC-APW7065KE-TRG Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065KE-TRL ANPEC-APW7065KE-TRL Datasheet
764Kb / 19P
Synchronous Buck PWM Controller
More results


Similar Description - APW7065C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com