Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7065 Datasheet (PDF) - Anpec Electronics Coropration

APW7065 Datasheet PDF - Anpec Electronics Coropration
Part # APW7065
Download  APW7065 Download
File Size   764.7 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7065 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7065 Datasheet PDF - Anpec Electronics Coropration

Part # APW7065
Download  APW7065 Click to download

File Size   764.7 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7065 Datasheet (HTML) - Anpec Electronics Coropration


APW7065 Product details

General Description

The APW7065 uses fixed 300KHz switching frequency, voltage mode, synchronous PWM controller which drives dual N-channel MOSFETs. The  device integrates the control, monitoring and protectionfunctions into a single package, provides one controlled power output with under-voltage and over-current protections. The APW7065 provides excellent regulation for output

load variation. The internal 0.8V temperature compensated reference voltage is designed to meet

the requirement of low output voltage applications. An built-in digital soft-start with fixed soft-start interval prevents the output voltage from overshoot as well as limiting the input current.



Features

• Single 12V Power Supply Required

• Fast Transient Response

- 0~90% Duty Ratio

• 0.8V Reference with 1% Accuracy

• Shutdown Function by Controlling COMP Pin Voltage

• Internal Soft-Start (3.4ms) Function

• Voltage Mode PWM Control Design

• Under-Voltage Protection

• Over-Current  Protection

- Sense Low Side MOSFET’ s RDS(ON)

• 300KHz Fixed Switching Frequency

• SOP-8 Package

• Lead  Free  Available  (RoHS  Compli a nt)




Similar Part No. - APW7065

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7065 ANPEC-APW7065 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7065CKE-TRG ANPEC-APW7065CKE-TRG Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7065CKE-TRL ANPEC-APW7065CKE-TRL Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7065KE-TRG ANPEC-APW7065KE-TRG Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
More results


Similar Description - APW7065

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com