Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7073A Datasheet (PDF) - Anpec Electronics Coropration

APW7073A Datasheet PDF - Anpec Electronics Coropration
Part # APW7073A
Download  APW7073A Download
File Size   732.1 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7073A Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7073A Datasheet PDF - Anpec Electronics Coropration

Part # APW7073A
Download  APW7073A Click to download

File Size   732.1 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM Controller

APW7073A Datasheet (HTML) - Anpec Electronics Coropration


APW7073A Product details

General  Description

The APW7073A is a voltage mode and synchronous PWM controllerwhich drives dual N-channel MOSFETs. The device integrates all of the controlling, monitoring, and protecting functions into a single package, and provides one controlled power output with over-current protection.



Features

• Single 12V Power Supply Required

• 0.6V Reference with 1% Accuracy

• Shutdown and Soft-Start Function

• Programmable Frequency Range from 50 kHz to 1000kHz

• Voltage Mode PWM Control Design

• Up to 100% Duty Cycle

• Over-Current Protection (OCP)

• SOP-14 Package

• Lead Free  and  Green  Devices  Available (RoHS  Compliant)



Applications

• DC-DC Power Supply




Similar Part No. - APW7073A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7073 ANPEC-APW7073 Datasheet
1Mb / 25P
Synchronous Buck PWM Controller
APW7073 ANPEC-APW7073 Datasheet
928Kb / 20P
Synchronous Buck PWM Controller
APW7073 ANPEC-APW7073 Datasheet
874Kb / 20P
Synchronous Buck PWM Controller
APW7073KE-TR ANPEC-APW7073KE-TR Datasheet
1Mb / 25P
Synchronous Buck PWM Controller
APW7073KE-TRG ANPEC-APW7073KE-TRG Datasheet
928Kb / 20P
Synchronous Buck PWM Controller
More results


Similar Description - APW7073A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
SYNCHRONOUS BUCK PWM CONTROLLER
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com