Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7068 Datasheet (PDF) - Anpec Electronics Coropration

APW7068 Datasheet PDF - Anpec Electronics Coropration
Part # APW7068
Download  APW7068 Download
File Size   1602.67 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage

APW7068 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7068 Datasheet PDF - Anpec Electronics Coropration

Part # APW7068
Download  APW7068 Click to download

File Size   1602.67 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage

APW7068 Datasheet (HTML) - Anpec Electronics Coropration


APW7068 Product details

General Description
The APW7068 integrates synchronous buck PWM, linear controller, and 0.8V Reference Out Voltage, as well as the monitoring and protection functions into a single package. The fixed 300KHz switching frequency synchronous PWM controller drives dual N-channel MOSFETs, which provides one controlled power output with over-voltage and over-current protections. Linear controller drives an external N-channel MOSFET with under-voltage protection.

Features
• Two Regulated Voltages and REF_OUT
    - Synchronous Buck Converter
    - Linear Regulator
    - REF_OUT = 0.8V±1% with 3mA source current
• Single 12V Power Supply Required
• Excellent Both Output Voltage Regulation
    - 0.8V Internal Reference
    - ±1% Over Line Voltage and Temperature
• Integrated Soft-Start for PWM and Linear Outputs
• 300KHz Fixed Switching Frequency
• Voltage Mode PWM Control Design and Up to 89%(Typ.) Duty Cycle
• Under-Voltage Protection Monitoring Linear Output
• Over-Voltage Protection Monitoring PWM Output
• Over-Current Protection for PWM Output
    - Sense Low-side MOSFET’s RDS(ON)
• SOP-14, QSOP-16 and QFN-16 packages
• Lead Free Available (RoHS Compliant)

Applications
• Graphic Cards




Similar Part No. - APW7068

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068 Datasheet
935Kb / 26P
Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068KE-TRG ANPEC-APW7068KE-TRG Datasheet
935Kb / 26P
Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068NE-TRG ANPEC-APW7068NE-TRG Datasheet
935Kb / 26P
Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068QAE-TRG ANPEC-APW7068QAE-TRG Datasheet
935Kb / 26P
Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results


Similar Description - APW7068

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
Synchronous Buck PWM and Linear Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
Synchronous Buck PWM and Linear Power Controller
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
Synchronous Buck PWM and Linear Controller
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
5V/12V Synchronous Buck PWM Controller with Reference Input
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com