Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CBE33065 Datasheet (PDF) - Diodes Incorporated

PI6CBE33065 Datasheet PDF - Diodes Incorporated
Part # PI6CBE33065
Download  PI6CBE33065 Download
File Size   980.63 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI

PI6CBE33065 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CBE33065 Datasheet PDF - Diodes Incorporated

Part # PI6CBE33065
Download  PI6CBE33065 Click to download

File Size   980.63 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI

PI6CBE33065 Datasheet (HTML) - Diodes Incorporated


PI6CBE33065 Product details

Features
- Six Differential Low-Power HCSL Outputs with On-Chip Termination
- Default ZOUT = 85Ω
- Spread Spectrum Tolerant
- Individual Output Enable
- Selectable PLL Bandwidths
- Hardware/SMBus Control of ZDB and Fanout Buffer Modes
- 1–400MHz Fanout Buffer Operation
- Differential Output-to-output Skew <50ps
- Very low Jitter Outputs
- Differential Cycle-to-cycle Jitter <50ps
- Fanout Buffer Mode Additive Phase Jitter:
− PCIe® 5.0 CC: 17fs RMS typ
− DB2000Q Additive Jitter: 28fs RMS typ
− QPI/UPI 11.4GB/s: 20fs RMS typ
− IF-UPI Additive Jitter: 60fs RMS typ
- ZDB Mode Phase Jitter:
− PCIe 5.0 CC: 18fs RMS typ
− QPI/UPI 11.4GB/s: 80fs RMS typ
− IF-UPI Additive Jitter: 60fs RMS typ
- 3.3V Core Supply Voltage
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.
- Packaging (Pb-free & Green):
- 40-pin, 5mm × 5mm TQFN (ZLA)




Similar Part No. - PI6CBE33065

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CBE33063 DIODES-PI6CBE33063 Datasheet
1Mb / 20P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0/6.0 and UPI
October 2023 Rev 4-2
PI6CBE33063ZLAIEX DIODES-PI6CBE33063ZLAIEX Datasheet
1Mb / 20P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0/6.0 and UPI
October 2023 Rev 4-2
PI6CBE33063ZLAIEX-13R DIODES-PI6CBE33063ZLAIEX-13R Datasheet
1Mb / 20P
Low-Power 6-Output ZDB / Fanout Clock Buffer for PCIe 5.0/6.0 and UPI
October 2023 Rev 4-2
More results


Similar Description - PI6CBE33065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
logo
Integrated Device Techn...
9ZML1232 IDT-9ZML1232 Datasheet
223Kb / 19P
2:12 LOW POWER DIFFERENTIAL Z-BUFFER MUX FOR PCIE AND QPI/UPI
9ZXL0632E IDT-9ZXL0632E Datasheet
302Kb / 20P
6-Output DB800ZL Derivat ive for PCIe Gen1?? and UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
logo
Diodes Incorporated
PI6CBE33045 DIODES-PI6CBE33045 Datasheet
924Kb / 21P
Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33085 DIODES-PI6CBE33085 Datasheet
997Kb / 22P
Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
PI6CBE33125 DIODES-PI6CBE33125 Datasheet
972Kb / 22P
Low-Power 12-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
Rev 2 - 2 June 2022
logo
Renesas Technology Corp
6V31021 RENESAS-6V31021 Datasheet
285Kb / 10P
4-OUTPUT LOW POWER FANOUT BUFFER FOR PCIE GEN3 AND 10G ETHERNET
Mar 2020
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com