Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0631 Datasheet (PDF) - Renesas Technology Corp

9DBV0631 Datasheet PDF - Renesas Technology Corp
Part # 9DBV0631
Download  9DBV0631 Download
File Size   780.62 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms

9DBV0631 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV0631 Datasheet PDF - Renesas Technology Corp

Part # 9DBV0631
Download  9DBV0631 Click to download

File Size   780.62 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms

9DBV0631 Datasheet (HTML) - Renesas Technology Corp


9DBV0631 Product details

Description
The 9DBV0631 is a member of Renesas’ 1.8V
Very-Low-Power (VLP) PCIe family. The device has 6 output
enables for clock management and 3 selectable SMBus
addresses.

Features/Benefits
• LP-HCSL outputs; save 12 resistors compared to standard
PCIe devices
• 55mW typical power consumption in PLL mode; minimal
power consumption
• Outputs can optionally be supplied from any voltage
between 1.05 and 1.8V; maximum power savings
• OE# pins; support DIF power management
• HCSL-compatible differential input; can be driven by
common clock sources
• Spread Spectrum tolerant; allows reduction of EMI
• Programmable Slew rate for each output; allows tuning for
various line lengths
• Programmable output amplitude; allows tuning for various
application environments
• Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
• Outputs blocked until PLL is locked; clean system start-up
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 5 × 5mm 40-VFQFPN; minimal board space
• 3 selectable SMBus addresses; multiple devices can easily
share an SMBus segment




Similar Part No. - 9DBV0631

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
55mW typical power consumption in PLL mode
logo
Integrated Device Techn...
9DBV0631 IDT-9DBV0631 Datasheet
166Kb / 17P
Spread Spectrum tolerant
9DBV0631 IDT-9DBV0631 Datasheet
169Kb / 17P
6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBV0631 RENESAS-9DBV0631 Datasheet
749Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
logo
Integrated Device Techn...
9DBV0631BKILF IDT-9DBV0631BKILF Datasheet
169Kb / 17P
6-output 1.8V PCIe Gen1-2-3 ZDB/FOB
More results


Similar Description - 9DBV0631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
6-output 3.3V PCIe Zero-Delay Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
6-output 3.3V PCIe Zero-Delay Buffer
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com