Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0241 Datasheet (PDF) - Renesas Technology Corp

9DBV0241 Datasheet PDF - Renesas Technology Corp
Part # 9DBV0241
Download  9DBV0241 Download
File Size   756.12 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms

9DBV0241 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV0241 Datasheet PDF - Renesas Technology Corp

Part # 9DBV0241
Download  9DBV0241 Click to download

File Size   756.12 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms

9DBV0241 Datasheet (HTML) - Renesas Technology Corp


9DBV0241 Product details

Description
The 9DBV0241 is a member of Renesas' 1.8V
Very-Low-Power (VLP) PCIe family. The device has 2 output
enables for clock management.

Features/Benefits
• LP-HCSL outputs with Zo = 100; saves 8 resistors
compared to standard HCSL outputs
• 35mW typical power consumption in PLL mode; reduced
thermal concerns
• Spread Spectrum (SS) compatible; allows use of SS for
EMI reduction
• OE# pins; support DIF power management
• HCSL compatible differential input; can be driven by
common clock sources
• SMBus-selectable features; optimize signal integrity to
application
• slew rate for each output
• differential output amplitude
• Pin/software selectable PLL bandwidth and PLL Bypass;
optimize PLL to application
• Outputs blocked until PLL is locked; clean system start-up
• Device contains default configuration; SMBus interface not
required for device control
• 3.3V tolerant SMBus interface; works with legacy
controllers
• Space saving 4 × 4mm 24-VFQFPN; minimal board space




Similar Part No. - 9DBV0241

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0241 ICST-9DBV0241 Datasheet
311Kb / 17P
slew rate for each output
REVISION C 08/11/15
logo
Integrated Device Techn...
9DBV0241 IDT-9DBV0241 Datasheet
311Kb / 17P
SMBus-selectable features
9DBV0241 IDT-9DBV0241 Datasheet
312Kb / 17P
2-Output 1.8V PCIe Gen1/2/3 Zero Delay
9DBV0241AKILF IDT-9DBV0241AKILF Datasheet
312Kb / 17P
2-Output 1.8V PCIe Gen1/2/3 Zero Delay
logo
Renesas Technology Corp
9DBV0241AKILF RENESAS-9DBV0241AKILF Datasheet
726Kb / 17P
2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
More results


Similar Description - 9DBV0241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0941 IDT-9DBV0941_17 Datasheet
255Kb / 18P
9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com