Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0641 Datasheet (PDF) - Renesas Technology Corp

9DBV0641 Datasheet PDF - Renesas Technology Corp
Part # 9DBV0641
Download  9DBV0641 Download
File Size   764.53 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms

9DBV0641 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV0641 Datasheet PDF - Renesas Technology Corp

Part # 9DBV0641
Download  9DBV0641 Click to download

File Size   764.53 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms

9DBV0641 Datasheet (HTML) - Renesas Technology Corp


9DBV0641 Product details

Description
The 9DBV0641 is a member of Renesas’ 1.8V
Very-Low-Power (VLP) PCIe family. It has integrated output
terminations providing Zo = 100 for direct connection to
100 transmission lines. The device has 6 output enables for
clock management and 3 selectable SMBus addresses.

Features/Benefits
• Direct connection to 100 transmission lines; saves 24
resistors compared to standard PCIe devices
• 55mW typical power consumption in PLL mode; minimal
power consumption
• Outputs can optionally be supplied from any voltage
between 1.05 and 1.8V; maximum power savings
• OE# pins; support DIF power management
• HCSL compatible differential input; can be driven by
common clock sources
• Spread Spectrum tolerant; allows reduction of EMI
• Programmable Slew rate for each output; allows tuning for
various line lengths
• Programmable output amplitude; allows tuning for various
application environments
• Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
• Outputs blocked until PLL is locked; clean system start-up
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 5 × 5mm 40-VFQFPN; minimal board space
• 3 selectable SMBus addresses; multiple devices can easily
share an SMBus segment




Similar Part No. - 9DBV0641

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0641 ICST-9DBV0641 Datasheet
164Kb / 17P
HCSL compatible differential input; can be driven by common clock sources
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641 Datasheet
164Kb / 17P
Direct connection to 100ohm transmission lines
9DBV0641 IDT-9DBV0641 Datasheet
167Kb / 17P
6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBV0641 RENESAS-9DBV0641 Datasheet
733Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
logo
Integrated Device Techn...
9DBV0641AKILF IDT-9DBV0641AKILF Datasheet
167Kb / 17P
6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
More results


Similar Description - 9DBV0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0941 IDT-9DBV0941_17 Datasheet
255Kb / 18P
9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com