Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0231 Datasheet (PDF) - Renesas Technology Corp

9DBV0231 Datasheet PDF - Renesas Technology Corp
Part # 9DBV0231
Download  9DBV0231 Download
File Size   750.89 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms

9DBV0231 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV0231 Datasheet PDF - Renesas Technology Corp

Part # 9DBV0231
Download  9DBV0231 Click to download

File Size   750.89 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms

9DBV0231 Datasheet (HTML) - Renesas Technology Corp


9DBV0231 Product details

Description
The 9DBV0231 is a member of Renesas’ 1.8V
Very-Low-Power (VLP) PCIe family. The device has 2 output
enables for clock management.

Features/Benefits
• LP-HCSL outputs; save 4 resistors compared to standard
HCSL outputs
• 35mW typical power consumption in PLL mode; reduced
thermal concerns
• Spread Spectrum (SS) compatible; allows use of SS for
EMI reduction
• OE# pins; support DIF power management
• HCSL compatible differential input; can be driven by
common clock sources
• SMBus-selectable features; optimize signal integrity to
application
• Slew rate for each output
• Differential output amplitude
• Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
• Outputs blocked until PLL is locked; clean system start-up
• Device contains default configuration; SMBus interface not
required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 4 × 4mm 24-VFQFPN; minimal board space




Similar Part No. - 9DBV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0231 ICST-9DBV0231 Datasheet
306Kb / 17P
slew rate for each output
REVISION D 08/11/15
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231 Datasheet
306Kb / 17P
SMBus-selectable features
9DBV0231 IDT-9DBV0231 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
721Kb / 17P
2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
logo
Integrated Device Techn...
9DBV0231AKILF IDT-9DBV0231AKILF Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
More results


Similar Description - 9DBV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0431 IDT-9DBV0431_16 Datasheet
210Kb / 16P
4-output 1.8V PCIe Gen1-2-3 Zero-delay/Fanout Buffer (ZDB/FOB)
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com