Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0441 Datasheet (PDF) - Renesas Technology Corp

9DBV0441 Datasheet PDF - Renesas Technology Corp
Part # 9DBV0441
Download  9DBV0441 Download
File Size   753.91 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms

9DBV0441 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV0441 Datasheet PDF - Renesas Technology Corp

Part # 9DBV0441
Download  9DBV0441 Click to download

File Size   753.91 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms

9DBV0441 Datasheet (HTML) - Renesas Technology Corp


9DBV0441 Product details

Description
The 9DBV0441 is a member of Renesas’ SOC-Friendly
1.8V Very-Low-Power (VLP) PCIe family. It has integrated
output terminations providing Zo = 100 for direct
connection to 100 transmission lines. The device has 4
output enables for clock management, and 3 selectable
SMBus addresses.

Features/Benefits
• Direct connection to 100 transmission lines; saves 16
resistors compared to standard HCSL outputs
• 53mW typical power consumption in PLL mode; minimal
power consumption
• Spread Spectrum (SS) compatible; allows use of SS for
EMI reduction
• OE# pins; support DIF power management
• HCSL compatible differential input; can be driven by
common clock sources
• Programmable Slew rate for each output; allows tuning
for various line lengths
• Programmable output amplitude; allows tuning for
various application environments
• Pin/software selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
• Outputs blocked until PLL is locked; clean system
start-up
• Software selectable 50MHz or 125MHz PLL operation;
useful for Ethernet applications
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy
controllers
• Space saving 5 × 5mm 32-VFQFPN; minimal board
space
• Selectable SMBus addresses; multiple devices can
easily share an SMBus segment




Similar Part No. - 9DBV0441

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
53mW typical power consumption in PLL mode
REVISION D 11/26/14
logo
Integrated Device Techn...
9DBV0441 IDT-9DBV0441 Datasheet
211Kb / 17P
4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBV0441 RENESAS-9DBV0441 Datasheet
724Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
logo
Integrated Device Techn...
9DBV0441AKILF IDT-9DBV0441AKILF Datasheet
211Kb / 17P
4 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBV0441AKILF RENESAS-9DBV0441AKILF Datasheet
724Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
More results


Similar Description - 9DBV0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0941 IDT-9DBV0941_17 Datasheet
255Kb / 18P
9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
logo
Renesas Technology Corp
9DBV0231 RENESAS-9DBV0231 Datasheet
750Kb / 17P
2-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
JULY 30, 2021
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0431 RENESAS-9DBV0431 Datasheet
760Kb / 18P
4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEB 6, 2023
9DBV0631 RENESAS-9DBV0631 Datasheet
780Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0831 RENESAS-9DBV0831 Datasheet
772Kb / 19P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 33Ohms
FEBRUARY 6, 2023
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com