Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0641 Datasheet (PDF) - Integrated Device Technology

9DBV0641 Datasheet PDF - Integrated Device Technology
Part # 9DBV0641
Download  9DBV0641 Download
File Size   164.82 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Direct connection to 100ohm transmission lines

9DBV0641 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBV0641 Datasheet PDF - Integrated Device Technology

Part # 9DBV0641
Download  9DBV0641 Click to download

File Size   164.82 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Direct connection to 100ohm transmission lines

9DBV0641 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - 9DBV0641

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0641 ICST-9DBV0641 Datasheet
164Kb / 17P
HCSL compatible differential input; can be driven by common clock sources
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641 Datasheet
167Kb / 17P
6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
logo
Renesas Technology Corp
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
733Kb / 18P
6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
logo
Integrated Device Techn...
9DBV0641AKILF IDT-9DBV0641AKILF Datasheet
167Kb / 17P
6 O/P 1.8V PCIe Gen1-2-3 ZDB/FOB
More results


Similar Description - 9DBV0641

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN246 PHILIPS-AN246 Datasheet
216Kb / 13P
Transmission lines and terminations with Philips Advanced Logic families
February 1998
logo
Anaren Microwave
RFP-400-100R ANAREN-RFP-400-100R Datasheet
513Kb / 2P
Flanged Resistors 400 Watts, 100ohm
logo
STMicroelectronics
AN588 STMICROELECTRONICS-AN588 Datasheet
222Kb / 12P
Destined for the protection of data transmission lines
03-Jun-2004
logo
Texas Instruments
BQ27510 TI1-BQ27510_13 Datasheet
1Mb / 39P
Direct Battery Connection
logo
WIZnet Co., Ltd
WIZ140SR WIZNET-WIZ140SR Datasheet
2Mb / 13P
Direct Connection to Serial Devices
logo
fujitsu semiconductor
FAR-F5KB-881M50-B4ED FUJITSU-FAR-F5KB-881M50-B4ED Datasheet
103Kb / 6P
CDMA Rx (50/100ohm)
logo
Hirose Electric
FX23 HIROSE-FX23 Datasheet
996Kb / 20P
High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
2019.6
logo
PHOENIX CONTACT
1016274 PHOENIX-1016274 Datasheet
642Kb / 16P
PCB direct plug, Crimp connection
2020-02-20 version 01
1016277 PHOENIX-1016277 Datasheet
638Kb / 16P
PCB direct plug, Crimp connection
2020-02-20 version 01
logo
WECO ELECTRICAL CONNECT...
110-AP-211 WECO-110-AP-211 Datasheet
138Kb / 1P
Plug connector Screw connection, direct contact to PCB
08.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com