Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR Datasheet (PDF) - Littelfuse

SIR Datasheet PDF - Littelfuse
Part # SIR
Download  SIR Download
File Size   295.4 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Solid-State Relay - Isolated

SIR Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR Datasheet PDF - Littelfuse

Part # SIR
Download  SIR Click to download

File Size   295.4 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Solid-State Relay - Isolated

SIR Datasheet (HTML) - Littelfuse


SIR Product details

Description
The SIR Series is designed for industrial applications requiring
rugged reliable operation. Provides an optically isolated, high
capacity, solid-state output, with power switching capability up
to 20A steady state, 200A inrush. Zero voltage switching SIR2
extends the life of an incandescent lamp up to 10 times. Random
switching SIR1 is ideal for inductive loads. When fully insulated
female terminals are used on the connection wires, the system
meets the requirements for touch-proof connections.
Operation
The solid-state output is located between terminals 1 and 3,
and is normally open or normally closed without control
voltage applied to terminals 4 and 5. When control voltage is
applied to terminals 4 and 5, the solid-state output opens or
closes respectively.
Reset: Removing control voltage resets the output. The unit is
also reset if output voltage is removed.




Similar Part No. - SIR

ManufacturerPart #DatasheetDescription
logo
Rohm
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
69Kb / 4P
Infrared light emitting diode, top view type
SIR-320ST3F ROHM-SIR-320ST3F_1 Datasheet
69Kb / 4P
Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
140Kb / 3P
Infrared light emitting diode, top view type
More results


Similar Description - SIR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
Galvanic Isolated Latching 60V Solid State Relay
logo
Littelfuse
SLR LITTELFUSE-SLR Datasheet
297Kb / 2P
Solid-State Relay - Non-Isolated
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com