Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR Datasheet (PDF) - Littelfuse

SLR Datasheet PDF - Littelfuse
Part # SLR
Download  SLR Download
File Size   297.23 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Solid-State Relay - Non-Isolated

SLR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR Datasheet PDF - Littelfuse

Part # SLR
Download  SLR Click to download

File Size   297.23 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Solid-State Relay - Non-Isolated

SLR Datasheet (HTML) - Littelfuse


SLR Product details

Description
The SLR Series has no isolation between the control switch
input and the solid-state output. Select the SLR for applications
where the control switch is the same voltage source as the
load. Provides the noiseless, reliability and long life of a
solid-state relay, without the cost of isolation circuitry. The
SLR Series offers random switching and is normally used for
inductive loads. When fully insulated female terminals are used
on the connection wires, the system meets the requirements
for touch-proof connections.
Operation
The solid-state output is located between terminals 1 and 2
and can be ordered as either normally open or normally closed,
when voltage is applied and S1 is open. When S1 is closed, the
solid-state output between terminals 1 and 2 closes (or opens).
If S1 is opened, the solid-state output will open (or close).
Reset: Opening S1 resets the output to its original state. Reset
is also accomplished by removing input voltage.




Similar Part No. - SLR

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLR SONGLERELAY-SLR Datasheet
3Mb / 2P
30A switching capability
logo
Lapp.
SLR LAPP-SLR Datasheet
289Kb / 1P
Strain relief cable glands
logo
YAGEO Corporation
SLR YAGEO-SLR Datasheet
1Mb / 8P
Cement Resistors
Aug. 12, 2024 V.2
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
Ningbo songle relay co....
SLR-12VDC-R-A SONGLERELAY-SLR-12VDC-R-A Datasheet
3Mb / 2P
30A switching capability
More results


Similar Description - SLR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
Galvanic Isolated Latching 60V Solid State Relay
logo
Littelfuse
SIR LITTELFUSE-SIR Datasheet
295Kb / 2P
Solid-State Relay - Isolated
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com