Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7075 Datasheet (PDF) - Anpec Electronics Coropration

APW7075 Datasheet PDF - Anpec Electronics Coropration
Part # APW7075
Download  APW7075 Download
File Size   428.12 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Step-Up Converter and LDO Combo

APW7075 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7075 Datasheet PDF - Anpec Electronics Coropration

Part # APW7075
Download  APW7075 Click to download

File Size   428.12 Kbytes
Page   23 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Step-Up Converter and LDO Combo

APW7075 Datasheet (HTML) - Anpec Electronics Coropration


APW7075 Product details

General Description
The APW7075 is a PWM/PFM, high-efficiency and step-upDC-DC converter with an integrated LDO input switch for dual mode application. During battery mode operation, the APW7075 acts as synchronous rectifier and step-up DC-DC converter with a fixed or adjustable output voltage. When the VIN pin sense 5V input voltage, the APW7075 is switched to LDO operation mode, maintainingthe constant output voltage.
The input voltage ranges from 0.6 V to 4.5V for step up DC-DC converter. The start-up is guaranteed at1V and the device is operating down to 0.6V. When the device is at LDO operating mode, the suitable output voltage 3.3V and loading current 500mA for maximum power consumption are guaranteed.
The APW7075 is suited for dual mode and portable battery powered appliance with low-battery detector. In dual-mode applications, theAPW7075 draws power from any available 5V USB connection and reverts to battery power when the USB power is removed.

Features
• Built-In a 500mA LDO and Synchronous Step-Up DC-DCConverter
• Built-In PWM/PFM Operating Mode
• Provided Dual Input Power Sources
• Connect FB to OUT for 3.3V Output Voltage or GND for 2.5V Output Voltage or an External Resistor Divider for Adjustable Output Voltage.
• Fixed 300KHz Operating Frequency
• High Efficiency Up to 94% at 200mA Output Current
• 0.6V to 4.5V Operating Voltage
• 1V Start Up Input Voltage
• Low Battery Voltage Detection
• Reverse Voltage Protection
• Internal Synchronous Rectifier
• Automatic Detection Input Voltage
• Compact SOP-8-P and TSSOP-8 Packages
• Lead Free Available (RoHS Compliant)

Applications
• Dual Mode Power System
• USB Peripheral
• Camcorders andDigital Camera
• Hand-held Instrument
• PDAs




Similar Part No. - APW7075

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
More results


Similar Description - APW7075

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
PFM Step-Up DC/DC Converter with LDO
logo
Advanced Analogic Techn...
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
400mA Step-Down Converter and 300mA LDO
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
1.5A Step-Down Converter and 150mA LDO
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
Step-up and inverting DC-DC converter
31-Aug-2007
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Eutech Microelectronics...
EUP2412 EUTECH-EUP2412 Datasheet
144Kb / 1P
500kHz Synchronous Step-Up Converter with 600mA LDO
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
1.5A Step-Down Converter and 150mA LDO
logo
Linear Technology
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Skyworks Solutions Inc.
AAT2749 SKYWORKS-AAT2749 Datasheet
2Mb / 17P
3.0MHz Step-Down Converter and Low-V in LDO
logo
STMicroelectronics
STOD03B STMICROELECTRONICS-STOD03B Datasheet
934Kb / 22P
Step-up with LDO and inverter converters
19-Dec-2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com