Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7078 Datasheet (PDF) - Anpec Electronics Coropration

APW7078 Datasheet PDF - Anpec Electronics Coropration
Part # APW7078
Download  APW7078 Download
File Size   399.41 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Single PWM Switching Controller

APW7078 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7078 Datasheet PDF - Anpec Electronics Coropration

Part # APW7078
Download  APW7078 Click to download

File Size   399.41 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Single PWM Switching Controller

APW7078 Datasheet (HTML) - Anpec Electronics Coropration


APW7078 Product details

General  Description

The APW7078 is a single PWM, step-up DC-DC controller with low operating voltage application integrating soft-start and short circuit detection function.And the oscillator switching frequency onchip can be operated by terminating OSC pin to connect capacitor and resistor for adjustable operating frequency.



Features

• 2.3 to 5.5V Input Voltage Range

• Adjustable Frequency: Maximum 1MHZ

• Incorporates Soft-start Function

• Built-in Short-circuit Detection Circuit (SCP)

• Low Operating Current: Maximum to 1mA

• Low Shutdown Current: Maximum to 1mA

• Package: MSOP-8, TSSOP-8

• Under Voltage Lockout

• Lead Free Available (RoHS Compliant)




Similar Part No. - APW7078

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
More results


Similar Description - APW7078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
STMicroelectronics
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
Single phase PWM controller
06-Jun-2007
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
Single phase PWM controller
23-Mar-2010
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
Single phase PWM controller
23-Mar-2010
logo
Altera Corporation
ED8101 ALTERA-ED8101 Datasheet
958Kb / 23P
Single-Rail PWM controller
ED8106 ALTERA-ED8106 Datasheet
736Kb / 14P
Single-Rail PWM controller
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com