Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA39416DDFR Datasheet (PDF) - Texas Instruments

TCA39416DDFR Datasheet PDF - Texas Instruments
Part # TCA39416DDFR
Download  TCA39416DDFR Download
File Size   993.09 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCA39416 Ultra-Low-Voltage I3C Translator with Rise Time Accelerators

TCA39416DDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA39416DDFR Datasheet PDF - Texas Instruments

Part # TCA39416DDFR
Download  TCA39416DDFR Click to download

File Size   993.09 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TCA39416 Ultra-Low-Voltage I3C Translator with Rise Time Accelerators

TCA39416DDFR Datasheet (HTML) - Texas Instruments


TCA39416DDFR Product details

1 Features
• 2-bit dual supply bidirectional translator for I3C,
I2C, SMBus, SPI applications
• Provides bidirectional voltage translation with no
direction pin
• High-impedance output Ax and Bx pins when
OE = 0 V or VCC = 0 V
• Internal 10-kΩ pull-up resistor on Ax and Bx pins
• 0.72 V to 1.98 V on both A and B ports; VCCA ≤
VCCB
• Compatible with MIPI I3C supporting speeds up to
12.5 MHz
• VCC Isolation feature: If either VCC input is at GND,
both A and B ports are in the high-impedance state
• No power-supply sequencing required: either VCCA
or VCCB can be ramped first
• Low Ioff of 2.5 μA when either VCCA or VCCB = 0 V
• OE input can be tied directly to VCCA or controlled
by GPIO
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD Protection exceeds JESD 22
– 4000-V Human-body model (A114-B)
– 1500-V Charged-device model (C101)

2 Applications
• Servers
• Wearables
• Personal electronics

3 Description
The TCA39416 is a 2-bit bidirectional MIPI I3C v1.1.1,
I2C, SMBus and SPI voltage-level translator with an
output enable (OE) input and rising and falling edge
accelerators. It is operational from 0.72 V to 1.98 V
on both the A-side and B-side with VCCA must be less
than VCCB for proper operation. This limitation allows
the device to interface between lower and higher logic
signal levels at any of the typical 1-V, 1.2-V and 1.8-V
supply rails.
The OE input pin is referenced to VCCA, can be tied
directly to VCCA, but it is also 1.98-V tolerant. The OE
pin can also be controlled and set to a logic low to
place all the Ax (A1, A2) and Bx (B1, B2) pins in a
high-impedance state, which significantly reduces the
quiescent current consumption.
The TCA39416 is compatible with 12.5 MHz
I3C speeds and also supports higher speed SPI
applications with two devices. It also enables
bidirectional voltage level translation for traditional
I2C-bus/SMBus applications under normal I2C and
SMBus configurations.
The TCA39416 features internal 10-kΩ pull-up
resistors on Ax and Bx that act as high-keeper and
are enabled based on respective VCC voltage when
bus is high.




Similar Part No. - TCA39416DDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA39416DDFR TI1-TCA39416DDFR Datasheet
1Mb / 28P
TCA39416 Ultra-Low-Voltage I3C Translator with Rise Time Accelerators
NOVEMBER 2023
More results


Similar Description - TCA39416DDFR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6540 PANASONIC-AN6540 Datasheet
27Kb / 3P
4-pin Voltage Regulator with Adjustable Rise Time
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
September 30, 2010
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416 Datasheet
1,009Kb / 24P
TCA9416 Ultra-Low-Voltage I2C Translator
TCA9416 TI-TCA9416_V01 Datasheet
1Mb / 28P
TCA9416 Ultra-Low-Voltage I2C Translator
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
P3A9606JK NXP-P3A9606JK Datasheet
474Kb / 30P
Dual bidirectional I3C/I2C-bus and SPI voltage-level translator
Rev. 1.0-10 May 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com