Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22995 Datasheet (PDF) - Texas Instruments

TPS22995 Datasheet PDF - Texas Instruments
Part # TPS22995
Download  TPS22995 Download
File Size   1064.79 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time

TPS22995 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22995 Datasheet PDF - Texas Instruments

Part # TPS22995
Download  TPS22995 Click to download

File Size   1064.79 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time

TPS22995 Datasheet (HTML) - Texas Instruments


TPS22995 Product details

1 Features
• Input operating voltage range (VIN): 0.4 V – 5.5 V
• Bias voltage supply (VBIAS): 1.5 V – 5.5 V
• Maximum continuous current: 3.8 A
• On-resistance (RON): 18 mΩ (typ.)
• Adjustable slew rate control through external
capacitor
• Quick Output Discharge (QOD): 100 Ω (typ.)
• Thermal shutdown
• Smart ON pin pulldown (RPD,ON):
• – ON ≥ VIH (ION): 25 nA (max.)
– ON ≤ VIL (RPD,ON): 500 kΩ (typ.)
• Low power consumption:
– ON state (IQ): 10 uA (typ.)
– OFF state (ISD): 0.1 uA (typ.)

2 Applications
• Notebook PC
• Tablets
• Industrial PC
• Discrete industrial solutions

3 Description
The TPS22995 is a single-channel load switch that
provides a configurable rise time to minimize inrush
current. The device contains an N-channel MOSFET
that can operate over an input voltage range of 0.4
V to 5.5 V and can support a maximum continuous
current of 3.8 A.
The switch is controlled by an on and off input
(ON), which is capable of interfacing directly with low
voltage control signals. The TPS22995 also has a
Quick Output Discharge when the switch is turned off,
pulling the output voltage down to a known 0-V state.
The TPS22995 is available in two different 6-pin
WQFN packages with both 0.4-mm and 0.5-mm
options. The device is characterized for operation
over the free-air temperature range of –40°C to
+125°C.




Similar Part No. - TPS22995

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995H-Q1 TI2-TPS22995H-Q1 Datasheet
932Kb / 23P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
More results


Similar Description - TPS22995

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
TPS22919 TI1-TPS22919_19 Datasheet
1Mb / 25P
5.5 V, 1.5 A, 90-m廓 Self-protected load switch with controlled rise time
TPS22992 TI-TPS22992_V01 Datasheet
1Mb / 31P
TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com