Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3274154 Datasheet (PDF) - PHOENIX CONTACT

3274154 Datasheet PDF - PHOENIX CONTACT
Part # 3274154
Download  3274154 Download
File Size   622.72 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-NS15A BN

3274154 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274154 Datasheet PDF - PHOENIX CONTACT

Part # 3274154
Download  3274154 Click to download

File Size   622.72 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-NS15A BN

3274154 Datasheet (HTML) - PHOENIX CONTACT


3274154 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment, nom. voltage:
690 V, nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 -
4 mm2, mounting type: NS 15, color: brown

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3274154

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274150 PHOENIX-3274150 Datasheet
625Kb / 28P
Distribution block - PTFIX 18X2,5-NS15A YE
Jul 20, 2022
3274152 PHOENIX-3274152 Datasheet
627Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GN
Jun 24, 2022
3274156 PHOENIX-3274156 Datasheet
823Kb / 34P
Distribution block - PTFIX 18X2,5-NS15A WH
Jun 10, 2022
3274158 PHOENIX-3274158 Datasheet
197Kb / 16P
Distribution block - PTFIX 18X2,5-NS15A BK
09/12/2020
More results


Similar Description - 3274154

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274144 PHOENIX-3274144 Datasheet
626Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GY
Jun 3, 2022
3274156 PHOENIX-3274156 Datasheet
823Kb / 34P
Distribution block - PTFIX 18X2,5-NS15A WH
Jun 10, 2022
3273384 PHOENIX-3273384 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 BN
Jun 2, 2022
3273448 PHOENIX-3273448 Datasheet
624Kb / 28P
Distribution block - PTFIX 18X2,5-G BN
Jun 23, 2022
3274220 PHOENIX-3274220 Datasheet
919Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS15A BN
Jun 23, 2022
3273318 PHOENIX-3273318 Datasheet
708Kb / 30P
Distribution block - PTFIX 18X2,5 BN
Jul 20, 2022
3002971 PHOENIX-3002971 Datasheet
440Kb / 19P
Distribution block - PTFIX 12X1,5-NS15A BN
Jul 21, 2022
3273186 PHOENIX-3273186 Datasheet
910Kb / 37P
Distribution block - PTFIX 18X2,5-NS35A BN
Jul 21, 2022
3274110 PHOENIX-3274110 Datasheet
612Kb / 27P
Distribution block - PTFIX 6X2,5-NS15A BN
Jul 20, 2022
3274162 PHOENIX-3274162 Datasheet
819Kb / 33P
Distribution block - PTFIX 18X2,5-NS15A OG
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com