Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3274150 Datasheet (PDF) - PHOENIX CONTACT

3274150 Datasheet PDF - PHOENIX CONTACT
Part # 3274150
Download  3274150 Download
File Size   625.14 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-NS15A YE

3274150 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274150 Datasheet PDF - PHOENIX CONTACT

Part # 3274150
Download  3274150 Click to download

File Size   625.14 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X2,5-NS15A YE

3274150 Datasheet (HTML) - PHOENIX CONTACT


3274150 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment, nom. voltage:
690 V, nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 -
4 mm2, mounting type: NS 15, color: yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology




Similar Part No. - 3274150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274152 PHOENIX-3274152 Datasheet
627Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GN
Jun 24, 2022
3274154 PHOENIX-3274154 Datasheet
622Kb / 28P
Distribution block - PTFIX 18X2,5-NS15A BN
Jul 20, 2022
3274156 PHOENIX-3274156 Datasheet
823Kb / 34P
Distribution block - PTFIX 18X2,5-NS15A WH
Jun 10, 2022
3274158 PHOENIX-3274158 Datasheet
197Kb / 16P
Distribution block - PTFIX 18X2,5-NS15A BK
09/12/2020
More results


Similar Description - 3274150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274158 PHOENIX-3274158 Datasheet
197Kb / 16P
Distribution block - PTFIX 18X2,5-NS15A BK
09/12/2020
3274144 PHOENIX-3274144 Datasheet
626Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GY
Jun 3, 2022
3274146 PHOENIX-3274146 Datasheet
628Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A BU
Jun 3, 2022
3274156 PHOENIX-3274156 Datasheet
823Kb / 34P
Distribution block - PTFIX 18X2,5-NS15A WH
Jun 10, 2022
3273050 PHOENIX-3273050 Datasheet
907Kb / 38P
Distribution block - PTFIX 18X2,5-NS35 YE
Jun 22, 2022
3274152 PHOENIX-3274152 Datasheet
627Kb / 29P
Distribution block - PTFIX 18X2,5-NS15A GN
Jun 24, 2022
3274216 PHOENIX-3274216 Datasheet
917Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS15A YE
Jul 20, 2022
3273314 PHOENIX-3273314 Datasheet
709Kb / 30P
Distribution block - PTFIX 18X2,5 YE
Jul 21, 2022
3274154 PHOENIX-3274154 Datasheet
622Kb / 28P
Distribution block - PTFIX 18X2,5-NS15A BN
Jul 20, 2022
3274162 PHOENIX-3274162 Datasheet
819Kb / 33P
Distribution block - PTFIX 18X2,5-NS15A OG
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com