Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1255PUTG Datasheet (PDF) - Littelfuse

SP1255PUTG Datasheet PDF - Littelfuse
Part # SP1255PUTG
Download  SP1255PUTG Download
File Size   964.61 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1255P Series 0.5pF, 12kV Diode Array for μUSB

SP1255PUTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1255PUTG Datasheet PDF - Littelfuse

Part # SP1255PUTG
Download  SP1255PUTG Click to download

File Size   964.61 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1255P Series 0.5pF, 12kV Diode Array for μUSB

SP1255PUTG Datasheet (HTML) - Littelfuse


SP1255PUTG Product details

Description
The SP1255P integrates three channels of ultra-low
capacitance steering diodes and a low voltage TVS diode to
provide maximum protection of the USB data and ID pins
against ESD per the IEC 61000-4-2 standard. An additional
12V TVS diode is included to provide lightning surge
protection for the USB VBUS pin up to 100A (tP=8/20μs) per
the IEC 61000-4-5 standard. The SP1255P provides superior
protection for current intensive applications such as fast
charging peripharals.
The SP1255P comes in a space saving 2.0x1.8mm μDFN
package with a typical height of 0.55mm making it an
ideal solution for smart phones, tablets, and other portable
electronics.

Features
• RoHS compliant and lead-free
• AEC-101 qualified
For USB Voltage Bus Pin (VBUS)
• ESD, IEC 61000-4-2, ±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 80A (tP=5/50ns)
• Lightning, IEC 61000-4-5, 100A (tP=8/20μs)
• Protection for VBUS operating up to 12V
• Benchmark setting protection
• High current handling capability for fast charging
applications
For USB Data Pin (D+, D-, ID)
• ESD, IEC 61000-4-2, ±12kV contact, ±15kV air
• EFT, IEC 61000-4-4, 40A (tP=5/50ns)
• Lightning, IEC 61000-4-5 2nd edition, 4A (tP=8/20μs)
• 0.5pF capacitance
• Low clamping voltage and dynamic resistance (0.3Ω)

Applications
• USB 2.0
• USB OTG
• μUSB
• Protection for the VBUS circuit on USB2.0 Fast Charging




Similar Part No. - SP1255PUTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1255 LITTELFUSE-SP1255 Datasheet
2Mb / 4P
SP1255 Series 160A for V
More results


Similar Description - SP1255PUTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
SP3012 Series 0.5pF Rail Clamp Array
logo
GETAI ELECTRONICS DEVIC...
2CL2FH GETEDZ-2CL2FH Datasheet
68Kb / 1P
12kV 60mA HIGH VOLTAGE DIODE
2CL2H GETEDZ-2CL2H Datasheet
63Kb / 1P
12kV 100mA HIGH VOLTAGE DIODE
2CL106 GETEDZ-2CL106 Datasheet
80Kb / 1P
12kV 450mA HIGH VOLTAGE DIODE
HV37-12 GETEDZ-HV37-12 Datasheet
80Kb / 1P
12kV 300mA HIGH VOLTAGE DIODE
HV37-12F GETEDZ-HV37-12F Datasheet
80Kb / 1P
12kV 300mA HIGH VOLTAGE DIODE
HV500F12 GETEDZ-HV500F12 Datasheet
80Kb / 1P
12kV 450mA HIGH VOLTAGE DIODE
logo
Littelfuse
SP3006 LITTELFUSE-SP3006 Datasheet
1Mb / 5P
0.5pF, 8kV Diode Array
AQ7520-08UTG LITTELFUSE-AQ7520-08UTG Datasheet
695Kb / 5P
0.32pF 12kV Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
SC7520-08UTG LITTELFUSE-SC7520-08UTG Datasheet
568Kb / 5P
0.32pF 12kV Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com